Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6746 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6746
Description  μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6746 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6746_11 Datasheet HTML 5Page - Maxim Integrated Products MAX6746_11 Datasheet HTML 6Page - Maxim Integrated Products MAX6746_11 Datasheet HTML 7Page - Maxim Integrated Products MAX6746_11 Datasheet HTML 8Page - Maxim Integrated Products MAX6746_11 Datasheet HTML 9Page - Maxim Integrated Products MAX6746_11 Datasheet HTML 10Page - Maxim Integrated Products MAX6746_11 Datasheet HTML 11Page - Maxim Integrated Products MAX6746_11 Datasheet HTML 12Page - Maxim Integrated Products MAX6746_11 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Watchdog Timer
MAX6746–MAX6751
The watchdog’s circuit monitors the µP’s activity. It the
µP does not toggle the watchdog input (WDI) within
tWD (user-selected), RESET asserts for the reset time-
out period. The internal watchdog timer is cleared by
any event that asserts RESET, by a falling transition at
WDI (which can detect pulses as short as 300ns) or by
a transition at WDS. The watchdog timer remains
cleared while reset is asserted; as soon as reset is
released, the timer starts counting.
The MAX6746–MAX6751 feature two modes of watch-
dog operation: normal mode and extended mode. In nor-
mal mode (Figure 4a), the watchdog timeout period is
determined by the value of the capacitor connected
between SWT and ground. In extended mode (Figure
4b), the watchdog timeout period is multiplied by 128.
For example, in extended mode, a 0.1µF capacitor gives
a watchdog timeout period of 65s (see the Extended-
Mode Watchdog Timeout Period vs. CSWT graph in the
Typical Operating Characteristics). To disable the watch-
dog timer function, connect SWT to ground.
MAX6752/MAX6753
The MAX6752 and MAX6753 have a windowed watch-
dog timer that asserts RESET for the adjusted reset
timeout period when the watchdog recognizes a fast
watchdog fault (tWDI < tWD1), or a slow watchdog fault
(period > tWD2). The reset timeout period is adjusted
independently of the watchdog timeout period.
The slow watchdog period, tWD2 is calculated as follows:
tWD2 = 0.65 x 109 x CSWT
with tWD2 in seconds and CSWT in Farads.
The fast watchdog period, tWD1, is selectable as a ratio
from the slow watchdog fault period (tWD2). Select the
fast watchdog period by pinstrapping SET0 and SET1,
where HIGH is VCC and LOW is GND. Table 1 illus-
trates the SET0 and SET1 configuration for the 8, 16,
and 64 window ratio ( tWD2/tWD1).
For example, if CSWT is 1500pF, and SET0 and SET1 are
low, then tWD2 is 975ms (typ) and tWD1 is 122ms (typ).
RESET asserts if the watchdog input has two falling
edges too close to each other (faster than tWD1) (Figure
5a) or falling edges that are too far apart (slower than
tWD2) (Figure 5b). Normal watchdog operation is dis-
played in (Figure 5c). The internal watchdog timer is
cleared when a WDI falling edge is detected within the
valid watchdog window or when RESET is deasserted.
All WDI inputs are ignored while RESET is asserted.
The watchdog timer begins to count after RESET is
deasserted. The watchdog timer clears and begins to
count after a valid WDI falling logic input. WDI falling
transitions within periods shorter than tWD1 or longer
than tWD2 force RESET to assert low for the reset time-
out period. WDI falling transitions within the tWD1 and
tWD2 window do not assert RESET. WDI transitions
between tWD1(min) and tWD1(max) or tWD2(min) and
tWD2(max) are not guaranteed to assert or deassert the
RESET. To guarantee that the window watchdog does
not assert the RESET, strobe WDI between tWD1(max)
and tWD2(min). The watchdog timer is cleared when
RESET is asserted or after a falling transition on WDI or
after a state change on SET0 or SET1. Disable the
watchdog timer by connecting SET0 high and SET1 low.
µP Reset Circuits with Capacitor-Adjustable
Reset/Watchdog Timeout Delay
_______________________________________________________________________________________
9
tWD x 128
tRP
VCC
WDI
RESET
EXTENDED MODE (WDS = VCC)
VCC
OV
OV
Figure 4b. Watchdog Timing Diagram, WDS = VCC
SET0
SET1
RATIO
LOW
LOW
8
LOW
HIGH
16
HIGH
LOW
Watchdog Disabled
HIGH
HIGH
64
Table 1. Min/Max Watchdog Setting


Similar Part No. - MAX6746_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
More results

Similar Description - MAX6746_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6746 MAXIM-MAX6746_V01 Datasheet
1Mb / 16P
   關P Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
2019
MAX6412 MAXIM-MAX6412_12 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com