Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6964ATG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6964ATG
Description  17-Output LED Driver/GPO with Intensity Control and Hot-Insertion Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6964ATG Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6964ATG Datasheet HTML 1Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 2Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 3Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 4Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 5Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 6Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 7Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 8Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
17-Output LED Driver/GPO with
Intensity Control and Hot-Insertion Protection
_______________________________________________________________________________________
5
SCOPE SHOT OF OUTPUT PORTS
MAX6964 toc07
2ms/div
OUTPUT 1,
2V/div
OUTPUT 2,
2V/div
OUTPUT 1 INDIVIDUAL INTENSITY
SET TO 1/16
MASTER INTENSITY SET TO 14/15
OUTPUT 2 INDIVIDUAL INTENSITY
SET TO 14/15
SCOPE SHOT OF OUTPUT PORTS
MAX6964 toc08
2ms/div
OUTPUT 1
2V/div
OUTPUT 2
2V/div
MASTER INTENSITY SET TO 1/15
OUTPUT 1 INDIVIDUAL INTENSITY
SET TO 1/16
OUTPUT 2 INDIVIDUAL INTENSITY
SET TO 15/16
SINK CURRENT vs. VOL
SINK CURRENT (mA)
40
30
20
10
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
050
V+ = 3.6V
V+ = 3.3V
V+ = 2V
V+ = 2.7V
ONLY ONE OUTPUT LOADED
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
PIN
QSOP
QFN
NAME
FUNCTION
1, 4–11, 13–20
1–8, 10–17, 22
O0-O16
Output Ports. Open-drain outputs rated at 7V, 50mA.
223
RST
Reset Input. Active low clears the 2-wire interface and puts the device in the
same condition as power-up reset.
3
24
AD0
Address Input. Sets device slave address. Connect to either GND, V+, SCL, or
SDA to give 4 logic combinations. See Table 1.
12
9
GND
Ground. Do not sink more than 350mA into the GND pin.
21
18
BLINK
Input Port. Configurable as blink control or general-purpose input.
22
19
SCL
I2C-Compatible Serial Clock Input
23
20
SDA
I2C-Compatible Serial Data I/O
24
21
V+
Positive Supply Voltage. Bypass V+ to GND with a 0.047µF ceramic capacitor.
Pad
Exposed Pad
Exposed pad on package underside. Connect to GND.
Pin Description


Similar Part No. - MAX6964ATG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6964ATG MAXIM-MAX6964ATG Datasheet
724Kb / 23P
   17- OUTPUT LED DRIVER/GPO
More results

Similar Description - MAX6964ATG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6965 MAXIM-MAX6965 Datasheet
326Kb / 22P
   9-Output LED Driver with Intensity Control and Hot-Insertion Protection
Rev 3; 3/05
MAX7314 MAXIM-MAX7314 Datasheet
402Kb / 25P
   18-Port GPIO with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
4206K MAXIM-4206K Datasheet
724Kb / 23P
   17- OUTPUT LED DRIVER/GPO
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
   10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
logo
Texas Instruments
TCA6507 TI-TCA6507_10 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI-TCA6507 Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
logo
Maxim Integrated Produc...
MAX6946 MAXIM-MAX6946 Datasheet
267Kb / 24P
   10-Port, Constant-Current LED Driver and I/O Expander with PWM Intensity Control
Rev 3; 2/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com