Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6971 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6971
Description  16-Port, 36V Constant-Current LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6971 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6971_07 Datasheet HTML 4Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 5Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 6Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 7Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 8Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 9Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 10Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 11Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Applications Information
Selecting External Component RSET to Set
LED Output Current
The MAX6971 uses an external resistor, RSET, to set the
LED current for outputs OUT0–OUT15. The minimum
allowed value of RSET is 327.3
Ω, which sets the output
currents to 55mA. The maximum allowed value of RSET
is 5k
Ω. The reference value, 360Ω, sets the output cur-
rents to 50mA. To set a different output current, use the
formula:
RSET = 18,000 / IOUT
where IOUT is the desired output current in mA.
Computing Power Dissipation
The upper limit for power dissipation (PD) for the
MAX6971 is determined by the following equation:
PD = (V+ x I+) + (VOUT x DUTY x IOUT x N)
where:
V+ = supply voltage
I+ = operating supply current when sinking IOUT LED
drive current into N outputs
DUTY = PWM duty cycle applied to OE
N = number of MAX6971 outputs driving LEDs at the
same time (maximum is 16)
VOUT = MAX6971 port output voltage when driving load
LED(s)
IOUT = LED drive current programmed by RSET
PD = power dissipation, in mW if currents are in mA
Dissipation example:
IOUT = 20mA, N = 16, DUTY = 1, VOUT = 2V, V+ =
5.25V
PD = (5.25V x 25mA) + (2V x 1 x 20mA x 16) = 0.77W
Thus, for a 24-pin TSSOP package (TJA = 1 / 0.0122 =
+82°C/W from the Absolute Maximum Ratings), the
maximum allowed ambient temperature TA is given by:
TJ(MAX) = TA + (PD x TJA) = +150°C =
TA + (0.77 x 82°C/W)
so TA = +86°C.
Overtemperature Cutoff
The MAX6971 contains an internal temperature sensor
that turns off all outputs when the die temperature
exceeds approximately +165°C. The outputs are
enabled again when the die temperature drops below
approximately +140°C. Register contents are not
affected, so when a driver is overdissipating, the exter-
nal symptom is the load LEDs cycling between on and
off as the driver repeatedly overheats and cools, alter-
nately turning the LEDs off and then back on again.
Power-Supply Considerations
The MAX6971 operates with a chip supply V+, and one
or more LED supplies. Bypass each supply to GND
with a 0.1µF capacitor as close to the MAX6971 as pos-
sible. This is normally adequate for static LED driving.
For multiplex or PWM applications, it is necessary to
add an additional bulk electrolytic capacitor of 4.7µF or
more to each supply for every 4 to 16 MAX6971s. The
necessary capacitance depends on the LED load cur-
rent, PWM switching frequency, and serial-interface
speed. Inadequate V+ decoupling can cause timing
problems, and very noisy LED supplies can affect LED
current regulation.
Chip Information
PROCESS: BiCMOS
16-Port, 36V Constant-Current LED Driver
_______________________________________________________________________________________
9


Similar Part No. - MAX6971_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6971ANG MAXIM-MAX6971ANG Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
MAX6971AUG MAXIM-MAX6971AUG Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
More results

Similar Description - MAX6971_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6971 MAXIM-MAX6971 Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
MAX6969 MAXIM-MAX6969_V01 Datasheet
204Kb / 12P
   16-Port, 5.5V Constant-Current LED Driver
2010
MAX6969 MAXIM-MAX6969_07 Datasheet
235Kb / 13P
   16-Port, 5.5V Constant-Current LED Driver
Rev 2; 9/07
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
logo
XLSEMI
XL3005 XLSEMI-XL3005 Datasheet
391Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
List of Unclassifed Man...
XL3003 ETC2-XL3003 Datasheet
444Kb / 14P
   4A 220KHz 36V Buck LED Constant Current Driver
XL3005 ETC2-XL3005 Datasheet
362Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com