Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6971 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6971
Description  16-Port, 36V Constant-Current LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6971 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6971_07 Datasheet HTML 1Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 2Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 3Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 4Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 5Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 6Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 7Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 8Page - Maxim Integrated Products MAX6971_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
16-Port, 36V Constant-Current LED Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage with respect to GND.
V+ ............................................................................-0.3V to +6V
OUT_ .....................................................................-0.3V to +40V
DIN, CLK, LE, OE, SET ................................-0.3V to (V+ + 0.3V)
DOUT Current ..................................................................±10mA
OUT_ Sink Current .............................................................60mA
Total GND Current ...........................................................960mA
Continuous Power Dissipation (TA = +70°C)
24-Pin TSSOP (derate 12.2mW/°C over +70°C) ..........975mW
24-Pin PDIP (derate 13.3mW/°C over +70°C)............1067mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(Typical Operating Circuit, V+ = 3V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = 5V, TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
V+
3.0
5.5
V
Output Voltage
VOUT
36
V
Standby Current
(Interface Idle, All Output Ports
High Impedance, RSET = 360
Ω)
I+
All logic inputs at V+ or GND, DOUT
unloaded
5.7
8
mA
Standby Current
(Interface Running, All Output
Ports High Impedance,
RSET = 360
Ω)
I+
fCLK = 5MHz, OE = V+, DIN and LE = V+
or GND, DOUT unloaded
6
8.5
mA
Supply Current
(Interface Idle, All Output Ports
Active Low, RSET = 360
Ω)
I+
All logic inputs at V+ or GND,
DOUT unloaded
18
25
mA
Input High Voltage
DIN, CLK, LE,
OE
VIH
0.7 x
V+
V
Input Low Voltage
DIN, CLK, LE,
OE
VIL
0.3 x
V+
V
Hysteresis Voltage
DIN, CLK, LE,
OE
ΔVI
0.8
V
Input Leakage Current
DIN, CLK, LE,
OE
IIH, IIL
-1
+1
µA
Output High-Voltage DOUT
VOH
ISOURCE = 4mA
V+
- 0.5V
V
Output Low Voltage
VOL
ISINK = 4mA
0.5
V
Output Current OUT_
IOUT
V+ = 3V to 5.5V, VOUT = 0.8V to 2.5V,
RSET = 360
Ω
37
50
61
mA
Output Leakage Current OUT_
ILEAK
OE = V+
1
µA
Note 1: All parameters tested at TA = +25°C. Specifications over temperature are guaranteed by design.


Similar Part No. - MAX6971_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6971ANG MAXIM-MAX6971ANG Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
MAX6971AUG MAXIM-MAX6971AUG Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
More results

Similar Description - MAX6971_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6971 MAXIM-MAX6971 Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
MAX6969 MAXIM-MAX6969_V01 Datasheet
204Kb / 12P
   16-Port, 5.5V Constant-Current LED Driver
2010
MAX6969 MAXIM-MAX6969_07 Datasheet
235Kb / 13P
   16-Port, 5.5V Constant-Current LED Driver
Rev 2; 9/07
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
logo
XLSEMI
XL3005 XLSEMI-XL3005 Datasheet
391Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
List of Unclassifed Man...
XL3003 ETC2-XL3003 Datasheet
444Kb / 14P
   4A 220KHz 36V Buck LED Constant Current Driver
XL3005 ETC2-XL3005 Datasheet
362Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com