Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1382 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SB1382
Description  Silicon PNP Epitaxial Planar Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SB1382 Datasheet(HTML) 1 Page - Sanken electric

  2SB1382_07 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
44
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
–10
–20
–26
–2
–1
–6
–5
–4
–3
Collector-Emitter Voltage V CE(V)
–12mA
–6mA
–3mA
I B=–1.5mA
–20mA
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
–10
–50
–5
–3
–100
–200
–0.03
–0.05
–1
–0.5
–0.1
–10
–50
–5
Collector-Emitter Voltage V CE(V)
DC
100
µ
s
10ms
1ms
Without Heatsink
Natural Cooling
0
–16
–8
–12
–4
0
–2.4
–2
–1
Base-Emittor Voltage V BE(V)
(V CE=–4V)
–0.3
–0.5
–1
–16
–10
–5
Collector Current I C(A)
(V CE=–4V)
500
10000
5000
1000
20000
Typ
–0.3
–0.5
–1
–16
–10
–5
500
10000
5000
1000
20000
h FE– I C Temperature Characteristics (Typical)
(V CE=–4V)
Collector Current I C(A)
25˚C
–30˚C
125˚C
0.05 0.1
5
1 0
0.5
1
1 6
50
0
100
(V CE=–12V)
Emitter Current I E(A)
Typ
0
–3
–2
–1
–0.5
–1
–100
–10
Base Current I B(mA)
–4A
–8A
I C=–16A
0.2
0.5
3
1
1
1 0
100
1000
Time t(ms)
80
60
40
20
3.5
0
0
5 0
100
150
Ambient Temperature Ta(˚C)
Without Heatsink
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SD2082)
Application : Chopper Regulator, DC Motor Driver and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
–120
–120
–6
–16(Pulse–26)
–1
75(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
Ratings
–10max
–10max
–120min
2000min
–1.5max
–2.5max
50typ
350typ
Unit
µA
mA
V
V
V
MHz
pF
Conditions
VCB=–120V
VEB=–6V
IC=–10mA
VCE=–4V, IC=–8A
IC=–8A, IB=–16mA
IC=–8A, IB=–16mA
VCE=–12V, IE=1A
VCB=–10V, f=1MHz
Darlington
2SB1382
(Ta=25°C)
(Ta=25°C)
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
–40
RL
(
Ω)
5
IC
(A)
–8
VBB2
(V)
5
IB2
(mA)
16
ton
(
µs)
0.8typ
tstg
(
µs)
1.8typ
tf
(
µs)
1.0typ
IB1
(mA)
–16
VBB1
(V)
–10
4.4
1.5
1.5
BE
C
5.45±0.1
ø3.3±0.2
1.75
2.15
1.05
+0.2
-0.1
5.45±0.1
15.6±0.2
5.5±0.2
3.45
3.35
0.65
+0.2
-0.1
±0.2
0.8
a
b
External Dimensions FM100(TO3PF)
Weight : Approx 6.5g
a. Part No.
b. Lot No.
B
C
E
(2 k
Ω) (80Ω)
Equivalent circuit


Similar Part No. - 2SB1382_07

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SB1382 SANKEN-2SB1382 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Chopper Regulator, DC Motor Driver and General Purpose)
logo
Inchange Semiconductor ...
2SB1382 ISC-2SB1382 Datasheet
109Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
Savantic, Inc.
2SB1382 SAVANTIC-2SB1382 Datasheet
138Kb / 3P
   Silicon PNP Darlington Power Transistors
2SB1382 SAVANTIC-2SB1382 Datasheet
140Kb / 3P
   Silicon PNP Darlington Power Transistors
logo
Sanken electric
2SB1382 SANKEN-2SB1382 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
More results

Similar Description - 2SB1382_07

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com