Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ7DV5 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ7DV5
Description  Variable Output Type, High Output Current (5A) Type Low Power-loss Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ7DV5 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ7DV5 Datasheet HTML 1Page - Sharp Corporation PQ7DV5 Datasheet HTML 2Page - Sharp Corporation PQ7DV5 Datasheet HTML 3Page - Sharp Corporation PQ7DV5 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Power-Loss Voltage Regulators
0
-20
0
PD1
PD2
PD1 :No heat sink
PD2 :With infinite heat sink
40
20
60
80
20
10
30
40
50
60
Ambient temperature Ta (˚C)
Fig.3
Power Dissipation vs. Ambient
Temperature
Fig.4
Overcurrent Protection
Characteristics (Typical Value)
Parameter
Symbol
Conditions
Input voltage
Output voltage
Reference voltage
Load regulation
Line regulation
Temperature coefficient of reference voltage
Ripple rejection
Dropout voltage
ON-state voltage for control
ON-state current for control
OFF-state voltage for control
OFF-state current for control
Quiescent current
Unit
MAX.
TYP.
NIN.
3
1.5
1.225
-
-
-
45
-
2.0
-
-
-
-
-
-
1.25
0.5
0.5
±0.01
55
-
-
-
-
-
-
10
7
1.275
2.0
2.5
-
-
0.5
-
20
0.8
- 0.4
17
s Electrical Characteristics
*3 In case of opening control terminal 4, output voltage turns on.
(Unless otherwise specified, conditions shall be VIN=5V, IO=2.5A, VO=3V [R1=2k
Ω] Ta=25˚C)
VIN
VO
Vref
RegL
RegI
TCVO
RR
Vi-o
VC (ON)
IC (ON)
VC (OFF)
IC (OFF)
Iq
-
-
-
IO=5mA to 5.0A
VIN=4 to 10V
Tj=0 to 125˚C
-
VIN=3V, IO=5A
-
VC=2.7V
-
VC=0.4V
Io=0A
V
V
V
%
%
%/˚C
dB
V
V
µA
V
mA
mA
*3
Fig.1
Test Circuit
q
3
q
2
q
1
q
4
q
5
A
A
V
V
A
VIN
VC
Iq 2k
IO
VO
RL
47
µF
0.33
µF
+
R2
R1
Vref
Fig.2
Test Circuit for Ripple Rejection
~
V
~
VC
2.7V
q
3
q
2
q
1
q
4
q
5
VIN
ei
eo
2k
IO
RL
0.33
µF
47
µF
+
R2
R1
+
Vref
Vo=Vref X (1+R2/R1)
=1.25 X (1+R2/R1)
[R1=2k
Ω,Vref =1.25V]
f=120Hz (sine wave)
ei=0.5Vrms
VIN=5V
VO=3V (R1=2k
Ω)
IO=0.5A
RR=20 log (ei/eo)
0
2.0
4.0
6.0
8.0
10
12
100
80
40
60
20
0
Output current IO (A)
PQ7DV5
Note) Oblique line portion:Overheat protection
may operate in this area.


Similar Part No. - PQ7DV5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ7DV5 SHARP-PQ7DV5 Datasheet
57Kb / 5P
   Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
PQ7DV5 SHARP-PQ7DV5_01 Datasheet
57Kb / 5P
   Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
More results

Similar Description - PQ7DV5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ7DV5 SHARP-PQ7DV5_01 Datasheet
57Kb / 5P
   Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
PQ3DF53 SHARP-PQ3DF53 Datasheet
31Kb / 4P
   3.3V Output, High Output Current (5A) Type Low Power-loss Voltage Regulator
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ3RF23 SHARP-PQ3RF23 Datasheet
49Kb / 6P
   3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
PQ3RF23 SHARP-PQ3RF23_01 Datasheet
68Kb / 7P
   3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
   Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com