Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4495 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SC4495
Description  Silicon NPN Triple Diffused Planar Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC4495 Datasheet(HTML) 1 Page - Sanken electric

  2SC4495_01 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
110
Silicon NPN Triple Diffused Planar Transistor
Application : Audio Temperature Compensation and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
80
50
6
3
1
25(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
Ratings
10max
10max
50min
500min
0.5max
40typ
30typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=80V
VEB=6V
IC=25mA
VCE=4V, IC=0.5A
IC=1A, IB=20mA
VCE=12V, IE=–0.1A
VCB=10V,f=1MHz
2SC4495
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
1
2
3
2
1
3
456
Collector-Emitter Voltage V CE(V)
30mA
I B=0.5mA
18mA
12mA
1mA
2mA
3mA
8mA
5mA
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
1.5
0.5
1
100
1
10
1000
Base Current I B(mA)
I C=1A
2A
3A
3
1
0.1
0.5
0.01
100
500
1000
3000
Collector Current I C(A)
(V CE=4V)
Typ
–0.005 –0.01
–0.1
–1
0
20
40
60
(V CE=12V)
Emitter Current I E(A)
Typ
10
50
3
5
100
0.05
0.1
1
0.5
10
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
10ms
1ms
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
With
Infinite
heatsink
Without Heatsink
150x150x2
50x50x2
10 0 x10
0 x2
0
3
2.5
0.5
1.5
1
2
0
1.5
1
0.5
Base-Emittor Voltage V BE(V)
(V CE=4V)
Collector Current I C(A)
1
7
5
1
1 0
100
1000
2000
Time t(ms)
3
1
0.1
0.5
0.01
20
100
50
500
1000
5000
(V CE=4V)
125˚C
–55˚C
25˚C
Natural Cooling
Silicone Grease
Heatsink: Aluminum
in mm
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
20
RL
(
Ω)
20
IC
(A)
1
VBB2
(V)
–5
IB2
(mA)
–30
ton
(
µs)
0.45typ
tstg
(
µs)
1.60typ
tf
(
µs)
0.85typ
IB1
(mA)
15
VBB1
(V)
10
External Dimensions FM20(TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
Weight : Approx 2.0g
a. Part No.
b. Lot No.
High hFE
LOW VCE (sat)


Similar Part No. - 2SC4495_01

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC4495 SANKEN-2SC4495 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio Temperature Compensation and General Purpose)
2SC4495 SANKEN-2SC4495 Datasheet
32Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
logo
Inchange Semiconductor ...
2SC4495 ISC-2SC4495 Datasheet
256Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2SC4495_01

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1555 WINGS-2SD1555 Datasheet
29Kb / 1P
   NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
logo
Fairchild Semiconductor
FJAF6810D FAIRCHILD-FJAF6810D Datasheet
77Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJAF6910 FAIRCHILD-FJAF6910 Datasheet
109Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJL6825 FAIRCHILD-FJL6825 Datasheet
107Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
KSD5072 FAIRCHILD-KSD5072 Datasheet
95Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5338D FAIRCHILD-KSC5338D_10 Datasheet
394Kb / 8P
   NPN Triple Diffused Planar Silicon Transistor
logo
Sanken electric
2SC3835 SANKEN-2SC3835_07 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3927 SANKEN-2SC3927_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC4140 SANKEN-2SC4140_01 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com