Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7302ATE+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7302ATE+
Description  SMBus/I2C Interfaced 9-Port, Level-Translating GPIO and LED Driver with CLA
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7302ATE+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7302ATE+ Datasheet HTML 1Page - Maxim Integrated Products MAX7302ATE+ Datasheet HTML 2Page - Maxim Integrated Products MAX7302ATE+ Datasheet HTML 3Page - Maxim Integrated Products MAX7302ATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX7302ATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX7302ATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX7302ATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX7302ATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX7302ATE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SMBus/I2C Interfaced 9-Port,
Level-Translating GPIO and LED Driver with CLA
_______________________________________________________________________________________
5
STAGGERED PWM OUTPUTS
MAX7302 toc09
400
μs/div
PORT2
5V/div
PORT3
5V/div
PORT5
5V/div
PORT4
5V/div
Typical Operating Characteristics (continued)
(VDD = 3.3V, VLA = 3.3V and TA = +25°C, unless otherwise noted.)
CLA PROPAGATION DELAY
OUTPUT RISING
MAX7302 toc10
40ns/div
PORT2
2V/div
PORT3
2V/div
PORT5
2V/div
CL = 100pF
MAX7302 toc11
40ns/div
CLA PROPAGATION DELAY
OUTPUT FALLING
PORT2
2V/div
PORT3
2V/div
PORT5
2V/div
CL = 100pF


Similar Part No. - MAX7302ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7302ATE MAXIM-MAX7302ATE Datasheet
373Kb / 29P
   SMBus/I2C Interfaced 9-Port, Level-Translating GPIO and LED Driver with CLA
Rev 0; 7/07
More results

Similar Description - MAX7302ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7302 MAXIM-MAX7302 Datasheet
373Kb / 29P
   SMBus/I2C Interfaced 9-Port, Level-Translating GPIO and LED Driver with CLA
Rev 0; 7/07
MAX7304 MAXIM-MAX7304_12 Datasheet
1Mb / 28P
   I2C-Interfaced 16-Port,Level-Translating GPIO and LED Driver
Rev 1; 3/12
MAX7304 MAXIM-MAX7304 Datasheet
1Mb / 28P
   I2C-Interfaced 16-Port, Level-Translating GPIO and LED Driver with High Level of Integrated
Rev 0; 6/11
MAX7306 MAXIM-MAX7306 Datasheet
314Kb / 25P
   SMBus/I2C Interfaced 4-Port, Level-Translating GPIOs and LED Drivers
Rev 0; 6/07
MAX7306 MAXIM-MAX7306_10 Datasheet
308Kb / 23P
   SMBus/I2C Interfaced 4-Port, Level-Translating GPIOs and LED Drivers
Rev 1; 8/10
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
logo
Texas Instruments
TCA9509 TI1-TCA9509_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com