Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7318AAG Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7318AAG
Description  2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7318AAG Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7318AAG Datasheet HTML 1Page - Maxim Integrated Products MAX7318AAG Datasheet HTML 2Page - Maxim Integrated Products MAX7318AAG Datasheet HTML 3Page - Maxim Integrated Products MAX7318AAG Datasheet HTML 4Page - Maxim Integrated Products MAX7318AAG Datasheet HTML 5Page - Maxim Integrated Products MAX7318AAG Datasheet HTML 6Page - Maxim Integrated Products MAX7318AAG Datasheet HTML 7Page - Maxim Integrated Products MAX7318AAG Datasheet HTML 8Page - Maxim Integrated Products MAX7318AAG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2-Wire-Interfaced, 16-Bit, I/O Port Expander
with Interrupt and Hot-Insertion Protection
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
10
20
30
40
50
60
70
80
90
100
0
-50
125
fSCL = 400kHz
ALL I/Os UNLOADED
V+ = 3.3V
V+ = 5V
V+ = 2V
STANDBY SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
2
4
6
8
10
12
0
-50
125
SCL = V+
ALL I/Os UNLOADED
V+ = 5V
V+ = 3.3V
V+ = 2V
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
3.5
4.0
3.0
2.5
10
20
30
40
50
60
70
80
90
100
0
2.0
5.5
fSCL = 400kHz
ALL I/Os UNLOADED
I/O SINK CURRENT
vs. OUTPUT LOW VOLTAGE
VOL (V)
0.5
0.4
0.3
0.2
0.1
2
4
6
8
10
12
14
16
18
20
22
24
0
0
0.6
V+ = 2V
TA = +125
°C
TA = +25
°C
TA = -40
°C
I/O SINK CURRENT
vs. OUTPUT LOW VOLTAGE
VOL (V)
0.5
0.4
0.3
0.2
0.1
5
10
15
20
25
30
35
40
45
50
0
0
0.6
V+ = 3.3V
TA = +125
°C
TA = -40
°C
TA = +25
°C
I/O SINK CURRENT
vs. OUTPUT LOW VOLTAGE
VOL (V)
0.4
0.3
0.2
0.1
5
10
15
20
25
30
35
40
45
50
0
0
0.5
V+ = 5V
TA = +125
°C
TA = -40
°C
TA = +25
°C
I/O OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
-25
0
25
50
50
100
150
200
250
300
350
400
0
-50
125
V+ = 5V, ISINK = 10mA
V+ = 2V, ISINK = 10mA
V+ = 2V, ISINK = 1mA
V+ = 5V, ISINK = 1mA
I/O SOURCE CURRENT
vs. OUTPUT HIGH VOLTAGE
V+ - VOH (V)
0.6
0.5
0.4
0.3
0.2
0.1
5
10
15
20
25
0
0
0.7
V+ = 2V
TA = +125
°C
TA = +25
°C
TA = -40
°C
I/O SOURCE CURRENT
vs. OUTPUT HIGH VOLTAGE
V+ - VOH (V)
0.6
0.5
0.3
0.4
0.2
0.1
5
10
15
20
25
30
35
40
45
50
0
0
0.7
V+ = 3.3V
TA = +125
°C
TA = +25
°C
TA = -40
°C


Similar Part No. - MAX7318AAG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7318AAG MAXIM-MAX7318AAG Datasheet
312Kb / 16P
   2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 2; 4/05
More results

Similar Description - MAX7318AAG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7311 MAXIM-MAX7311 Datasheet
376Kb / 16P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 4; 4/05
MAX7312 MAXIM-MAX7312 Datasheet
373Kb / 17P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
19-3057; Rev 0; 10/03
MAX7312 MAXIM-MAX7312_V01 Datasheet
296Kb / 16P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
2005
MAX7318 MAXIM-MAX7318 Datasheet
312Kb / 16P
   2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 2; 4/05
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX7317 MAXIM-MAX7317 Datasheet
288Kb / 12P
   10-Port SPI-Interfaced I/O Expander with Overvoltage and Hot-Insertion Protection
Rev 2; 4/05
MAX7317 MAXIM-MAX7317_V01 Datasheet
783Kb / 11P
   10-Port SPI-Interfaced I/O Expander with Overvoltage and Hot-Insertion Protection
19-3380; Rev 4; 4/15
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
   10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com