Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8568A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8568A
Description  Complete Backup-Management ICs for Lithium and NiMH Batteries
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8568A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8568A Datasheet HTML 1Page - Maxim Integrated Products MAX8568A Datasheet HTML 2Page - Maxim Integrated Products MAX8568A Datasheet HTML 3Page - Maxim Integrated Products MAX8568A Datasheet HTML 4Page - Maxim Integrated Products MAX8568A Datasheet HTML 5Page - Maxim Integrated Products MAX8568A Datasheet HTML 6Page - Maxim Integrated Products MAX8568A Datasheet HTML 7Page - Maxim Integrated Products MAX8568A Datasheet HTML 8Page - Maxim Integrated Products MAX8568A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Complete Backup-Management ICs
for Lithium and NiMH Batteries
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 7, VIN = VINOK = 3.6V, VBK = 1.4V, VNI/LI = VBKSU = 3.3V, VBKV = GND = PGND = 0V, VSTRTV = VTERMV = 1.2V,
R5 = 250k
Ω, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
IN Voltage Range
2.8
5.5
V
IN Operating Current
Charger on, not including charge current
90
µA
CHGI Current Limit
RCHGI = 169k
Ω, VBK = 1.3V
8
12
mA
CHGI Resistor Range
VBK = 1.3V
50
1800
k
VIN = 5.5V, VNI/LI = 0V
4.116
4.310
VIN = 3.8V, VNI/LI = 0V, VTERMV = 1V
3.420
3.605
BK Charge Voltage Limit
VIN = VNI/LI = 3.6V
1.746
1.854
V
NiMH Mode BK High Threshold Voltage,
VBK(NIHI)
VTERMV = 1.2V
1.37
1.43
V
NiMH Mode BK Low Threshold Voltage,
VBK(NILO)
VSTRTV = 1.2V
1.17
1.23
V
REF Output Voltage
IREF = 1µA
1.225
1.275
V
REF Load Regulation
IREF = 1µA to 50µA
10
mV
REF Line Regulation
VIN = 3V to 5.5V, IREF = 1µA
7
mV
VINOK falling
2.38
2.48
INOK Threshold Voltage
VINOK rising
2.40
2.54
V
NI/LI Logic-Level High
VBKSU = 3.3V
1.8
V
NI/LI Logic-Level Low
VBKSU = 3.3V
0.4
V
OD_ On-Resistance
VBKSU = 3.6V
30
BACKUP STEP-UP (Note 2)
BK Input Undervoltage Lockout
VNI/LI = VBKSU = 3.3V, falling trip point
1.05
1.21
V
BK Input Voltage
5.5
V
Quiescent Current into BKSU
ILDO = 0mA, not switching
25
µA
Quiescent Current into BK
IBKSU = ILDO = 0mA, not switching
4
µA
BKV Feedback Voltage
1.162
1.258
V
VBKV = 0V
3.17
3.43
BKSU Output-Voltage Accuracy
VBKV = VBKSU
2.4
2.6
V
BKSU Output Voltage Range
2.5
5.0
V
n-Channel Switch On-Resistance
ILX = 200mA
1
p-Channel Switch On-Resistance
ILX = 200mA
2


Similar Part No. - MAX8568A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8568A MAXIM-MAX8568A Datasheet
367Kb / 17P
   Complete Backup-Management ICs for Lithium and NiMH Batteries
Rev 0; 11/04
MAX8568AETE MAXIM-MAX8568AETE Datasheet
367Kb / 17P
   Complete Backup-Management ICs for Lithium and NiMH Batteries
Rev 0; 11/04
More results

Similar Description - MAX8568A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8568A MAXIM-MAX8568A Datasheet
367Kb / 17P
   Complete Backup-Management ICs for Lithium and NiMH Batteries
Rev 0; 11/04
MAX8672 MAXIM-MAX8672 Datasheet
258Kb / 17P
   Complete Backup Management IC for NiMH Batteries
Rev 0; 11/06
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
logo
Toshiba Semiconductor
TPC8134 TOSHIBA-TPC8134 Datasheet
269Kb / 9P
   Lithium-Ion Secondary Batteries Power Management Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com