Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9621AUB+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9621AUB+T
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9621AUB+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9621AUB+T Datasheet HTML 1Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 2Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 3Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 4Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 5Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 6Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 7Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 8Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface with
Analog and Digital Outputs
5
Typical Operating Characteristics
(VBAT = 13.6V, RSET = 61.9kI, RL = 5kI to GND at AOUT_, VSLEEP = 5V, TA = +25NC, unless otherwise noted.)
HALL INPUT CURRENT
THRESHOLDS vs. VBAT
BAT VOLTAGE (V)
15.5
13.0
8.0
10.5
8.75
9.00
9.25
9.50
10.00
9.75
10.25
10.50
8.50
5.5
18.0
LOW TO HIGH
HIGH TO LOW
HALL INPUT CURRENT THRESHOLDS
FOR HIGH/LOW vs. TEMPERATURE
TEMPERATURE (°C)
110
95
-25 -10 5
35 50 65
20
80
9.0
9.2
9.4
9.6
9.8
10.0
10.2
10.4
8.8
-40
125
LOW TO HIGH
HIGH TO LOW
BAT SUPPLY CURRENT
vs. VBAT IN SHUTDOWN MODE
BAT VOLTAGE (V)
60
40
20
20
40
60
80
100
120
140
160
180
200
0
0
80
TA = +125°C
TA = +25°C AND -40°C
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
50
40
30
20
10
0.4
0.6
0.8
1.0
0.2
0
60
TA = +125NC
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
50
40
30
20
10
0.4
0.6
0.8
1.0
0.2
0
60
TA = +25NC
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
50
40
30
20
10
0.4
0.6
0.8
1.0
0.2
0
60
TA = -40NC
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
20.5
20.0
19.5
0.5
0.6
0.7
0.8
0.9
0.4
19.0
21.0
TA = +125NC
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
20.5
20.0
19.5
0.5
0.6
0.7
0.8
0.9
0.4
19.0
21.0
TA = +25NC
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
20.5
20.0
19.5
0.5
0.6
0.7
0.8
0.9
0.4
19.0
21.0
TA = -40NC


Similar Part No. - MAX9621AUB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9621AUB+T MAXIM-MAX9621AUB+T Datasheet
2Mb / 14P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 0; 11/09
MAX9621AUB+T MAXIM-MAX9621AUB+T Datasheet
1Mb / 16P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
19-5024; Rev 2; 2/20
More results

Similar Description - MAX9621AUB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9621 MAXIM-MAX9621_V01 Datasheet
1Mb / 16P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
19-5024; Rev 2; 2/20
MAX9621 MAXIM-MAX9621 Datasheet
2Mb / 14P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 0; 11/09
MAX9921 MAXIM-MAX9921 Datasheet
745Kb / 16P
   Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
logo
Micronas
HAL700 MICRONAS-HAL700 Datasheet
167Kb / 12P
   Dual Hall-Effect Sensor with Independent Outputs
logo
Honeywell Solid State E...
VF526DT HONEYWELL-VF526DT Datasheet
252Kb / 4P
   Bipolar Latch, Dual Hall-effect Digital Position Sensor with Speer and Direction Outputs
logo
Major-Power Technology ...
MA7954 MPOWER-MA7954 Datasheet
104Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.1
MA7953 MPOWER-MA7953 Datasheet
119Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.1
MA7950 MPOWER-MA7950 Datasheet
104Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.3
MA7952 MPOWER-MA7952 Datasheet
104Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.2
logo
Texas Instruments
TMAG5124 TI1-TMAG5124 Datasheet
731Kb / 24P
[Old version datasheet]   TMAG5124 Hall Effect Switch With 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com