Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9643 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9643
Description  60V High-Speed Precision Current-Sense Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9643 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9643 Datasheet HTML 1Page - Maxim Integrated Products MAX9643 Datasheet HTML 2Page - Maxim Integrated Products MAX9643 Datasheet HTML 3Page - Maxim Integrated Products MAX9643 Datasheet HTML 4Page - Maxim Integrated Products MAX9643 Datasheet HTML 5Page - Maxim Integrated Products MAX9643 Datasheet HTML 6Page - Maxim Integrated Products MAX9643 Datasheet HTML 7Page - Maxim Integrated Products MAX9643 Datasheet HTML 8Page - Maxim Integrated Products MAX9643 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
����������������������������������������������������������������� Maxim Integrated Products 5
MAX9643
60V High-Speed Precision Current-Sense Amplifier
Typical Operating Characteristics (continued)
(VCC = 5V, VRS+ = VRS- = 12V, TA = -40NC to +125NC, unless otherwise noted. All devices are 100% production tested at TA = +25NC.
Temperature limits are guaranteed by design and/or characterization.)
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
1000
100
10
-120
-100
-80
-60
-40
-20
0
-140
1
10,000
SMALL SIGNAL vs. FREQUENCY
(MAX9643T)
FREQUENCY (kHz)
-6
-8
-4
-2
0
2
4
6
8
10
12
14
16
18
20
-10
10,000
1000
100
10
1
100,000
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
0.50
040
35
30
20
25
10
15
5
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
100
75
25
50
0
-25
620
640
660
680
700
720
740
760
780
800
600
-50
125
OUTPUT-VOLTAGE HIGH
vs. OUTPUT SOURCE CURRENT
OUTPUT SOURCE CURRENT (mA)
0.9
0.8
0.6 0.7
0.2 0.3 0.4 0.5
0.1
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
3.0
0
1.0
OUTPUT-VOLTAGE LOW
vs. OUTPUT SINK CURRENT
OUTPUT SINK CURRENT (mA)
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
100
200
300
400
500
600
0
0
1.0


Similar Part No. - MAX9643

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9643 MAXIM-MAX9643 Datasheet
197Kb / 6P
   Fully Assembled and Tested
Rev 1; 5/15
MAX9643EVKIT MAXIM-MAX9643EVKIT Datasheet
197Kb / 6P
   Fully Assembled and Tested
Rev 1; 5/15
MAX9643TATA++ MAXIM-MAX9643TATA+ Datasheet
927Kb / 12P
   60V High-Speed Precision Current-Sense Amplifier
2015
MAX9643UATA++ MAXIM-MAX9643UATA+ Datasheet
927Kb / 12P
   60V High-Speed Precision Current-Sense Amplifier
2015
MAX9643 MAXIM-MAX9643_V01 Datasheet
927Kb / 12P
   60V High-Speed Precision Current-Sense Amplifier
2015
More results

Similar Description - MAX9643

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9643 MAXIM-MAX9643_V01 Datasheet
927Kb / 12P
   60V High-Speed Precision Current-Sense Amplifier
2015
logo
Texas Instruments
INA302 TI1-INA302 Datasheet
153Kb / 6P
[Old version datasheet]   Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Monolithic Power System...
EV8110DS-00A MPS-EV8110DS-00A Datasheet
153Kb / 4P
   Precision High-Side Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
Monolithic Power System...
MP8110 MPS-MP8110 Datasheet
301Kb / 10P
   Precision High-Side Current-Sense Amplifier
logo
Texas Instruments
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com