Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9650_1007 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9650_1007
Description  High-Current VCOM Drive Op Amps for TFT LCDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9650_1007 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9650_1007 Datasheet HTML 1Page - Maxim Integrated Products MAX9650_1007 Datasheet HTML 2Page - Maxim Integrated Products MAX9650_1007 Datasheet HTML 3Page - Maxim Integrated Products MAX9650_1007 Datasheet HTML 4Page - Maxim Integrated Products MAX9650_1007 Datasheet HTML 5Page - Maxim Integrated Products MAX9650_1007 Datasheet HTML 6Page - Maxim Integrated Products MAX9650_1007 Datasheet HTML 7Page - Maxim Integrated Products MAX9650_1007 Datasheet HTML 8Page - Maxim Integrated Products MAX9650_1007 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
High-Current VCOM Drive Op Amps
for TFT LCDs
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = 19V, GND = 0, VCM = VOUT = VDD/2, TA = +25°C, unless otherwise specified.)
0
2
1
4
3
7
6
5
8
-50
0
-25
25
50
75
100
125
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
IOUT
(500mA/div)
VOUT
(125mV/div)
LOAD TRANSIENT
SOURCING
TIME (1
μs/div)
0.1A RESPONSE
1A RESPONSE
0.5A RESPONSE
IOUT
(500mA/div)
VOUT
(125mV/div)
LOAD TRANSIENT
SINKING
TIME (1
μs/div)
0.1A RESPONSE
1A RESPONSE
0.5A RESPONSE
100ms/div
STARTUP WAVEFORM
IDD
10mA/div
VDD
10V/div
VIN
5V/div
VOUT
5V/div
MAX9650 toc07
2
μs/div
MAX9650 STEP RESPONSE
WITH VARIOUS CL
VOUT
5V/div
VOUT
5V/div
VOUT
5V/div
VOUT
5V/div
MAX9650 toc08
CL = 10pF
CL = 2200pF
CL = 0.01
μF
CL = 0.022μF
OPEN-LOOP GAIN AND PHASE
vs. FREQUENCY
MAX9650 toc09
FREQUENCY (Hz)
10E+6
1E+6
10E+3
100E+3
1E+3
100E+0
-60
-40
-20
0
20
40
60
80
100
120
-80
10E+0
100E+6
GAIN
PHASE
CL = 100pF
-180
-120
-60
0
60
120
180
240
300
360
-240
CLOSED-LOOP SMALL-SIGNAL FREQUENCY
RESPONSE FOR VARIOUS CL
FREQUENCY (MHz)
10
1
0.1
-10
-5
0
5
10
15
20
-15
0.01
100
CL = 0.1
μF
CL = 0.01
μF
CL = 100pF
CL = 56pF
CL = 10pF
CL = 560pF
CL = 0.001
μF
CL = 0.0022
μF
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10E+6
1E+6
-6
-5
-4
-3
-2
-1
0
1
2
3
-7
100E+3
100E+6
VOUT = 100mVP-P
RL = 10k
Ω TO VDD/2
SMALL-SIGNAL GAIN vs. FREQUENCY
WITH VARIOUS CL
FREQUENCY (Hz)
10E+6
1E+6
-20
-15
-10
-5
0
5
10
15
20
-25
100E+3
100E+6
10,000pF
1000pF
100pF
10pF
VOUT = 100mVP-P
RL = 10k
Ω TO VDD/2


Similar Part No. - MAX9650_1007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9650 MAXIM-MAX9650_10 Datasheet
613Kb / 13P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 3; 2/10
More results

Similar Description - MAX9650_1007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9650 MAXIM-MAX9650 Datasheet
329Kb / 12P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 2; 5/09
MAX9650 MAXIM-MAX9650_V01 Datasheet
1Mb / 9P
   High-Current VCOM Drive Op Amps for TFT LCDs
2018
MAX9650 MAXIM-MAX9650_10 Datasheet
613Kb / 13P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 3; 2/10
MAX9550 MAXIM-MAX9550_07 Datasheet
497Kb / 12P
   High-Current VCOM Drive Buffers for TFT LCDs
Rev 3; 10/07
MAX9550 MAXIM-MAX9550 Datasheet
823Kb / 12P
   High-Current VCOM Drive Buffers for TFT LCDs
Rev 1; 2/06
MAX17100 MAXIM-MAX17100 Datasheet
818Kb / 35P
   Driver, VCOM Calibrator, and Op Amp for TFT LCDs
2010
MAX1886 MAXIM-MAX1886 Datasheet
284Kb / 7P
   High-Current VCOM Drive Buffer
Rev 0; 8/01
logo
Sharp Corporation
RB5P0070M SHARP-RB5P0070M Datasheet
81Kb / 2P
   Video Interface ICs for TFT-LCDs
RB5P0090M SHARP-RB5P0090M Datasheet
38Kb / 1P
   Video Interface ICs for TFT-LCDs
logo
List of Unclassifed Man...
ACX300 ETC-ACX300 Datasheet
39Kb / 2P
   Low-temperature Polysilicon TFT LCDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com