Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11600 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11600
Description  Evaluation System
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11600 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11600_10 Datasheet HTML 1Page - Maxim Integrated Products MAX11600_10 Datasheet HTML 2Page - Maxim Integrated Products MAX11600_10 Datasheet HTML 3Page - Maxim Integrated Products MAX11600_10 Datasheet HTML 4Page - Maxim Integrated Products MAX11600_10 Datasheet HTML 5Page - Maxim Integrated Products MAX11600_10 Datasheet HTML 6Page - Maxim Integrated Products MAX11600_10 Datasheet HTML 7Page - Maxim Integrated Products MAX11600_10 Datasheet HTML 8Page - Maxim Integrated Products MAX11600_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
MAX11600–MAX11617 Evaluation System
2 ______________________________________________________________________________________
Component Lists
MAX116XX I2C Master Board
DESIGNATION
QTY
DESCRIPTION
C1–C17
17
47nF Q10%, 16V, X7R ceramic
capacitors (0603)
Murata GRM188R71C473K
C18–C33
16
1nF Q10%, 50V, X7R ceramic
capacitors (0603)
Murata GRM188R71H102K
C34, C52
2
1FF Q10%, 16V X5R ceramic
capacitors (0603)
Murata GRM188R61C105K
C35, C42, C46,
C50, C53–C56,
C60, C61, C62,
C64, C65, C66
14
0.1FF Q10%, 16V X7R ceramic
capacitors (0603)
TDK C1608X7R1C104K
C36, C39
2
0.01FF Q10%, 50V, X7R ceramic
capacitors (0603)
Murata GRM188R71H103K
C37, C44, C45
3
10pF Q5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H100J
C38
1
15pF Q5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H150J
C40, C41
2
39pF Q5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H390J
C43, C49, C51,
C63, C67, C68,
C70
7
10FF Q10%, 25V, X5R ceramic
capacitors, (1206)
Murata GRM31CR61E106K
C47, C48, C69
3
4.7FF Q10%, 25V X5R ceramic
capacitors (1206)
Murata GRM31CR71E475M
C57
1
0.033FF Q10%, 16V X5R ceramic
capacitor (0603)
Taiyo Yuden EMK107BJ333KA
C58, C59
2
22pF Q5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H220J
DESIGNATION
QTY
DESCRIPTION
DGND, DVDD
2
Banana jacks, uninsulated
J1
1
2 x 10 right-angle male header
J2
0
Not installed, 24-pin dual-row
(2 x 12) header
J3
1
USB type-B right-angle
PC-mount receptacle
JSPI
0
Not installed, 6-pin header (1 x 6)
JTAG1
1
6-pin header (1 x 6)
JTAG2
1
10-pin dual-row (2 x 5) header
JU1–JU4
0
Not installed, 2-pin headers
JU5
0
Not installed, 3-pin header
JU6–JU9
4
2-pin headers
LED1, LED2,
LED3
3
Red LEDs (0603)
L1
1
Ferrite bead
TDK MMZ1608R301A (0603)
R1, R3, R4,
R19, R21–R24
8
4.7kI Q5% resistors (0603)
R2, R16, R17,
R18
4
100I Q5% resistors (0603)
R5
1
390I Q5% resistor (0603)
R6, R7, R8,
R27, R36
5
10kI Q5% resistors (0603)
R9, R10, R11
3
200I Q5% resistors (0603)
R12, R14, R25,
R29
4
10I Q5% resistors (0603)
R13
1
150I Q5% resistor (0603)
R15
1
56I Q5% resistor (0603)
R20, R28
2
680I Q5% resistors (0603)
R26
1
1kI Q5% resistor (0603)
R30
1
18.7kI Q1% resistor (0603)
R31, R43, R44,
R46, R50
5
10kI Q1% resistors (0603)


Similar Part No. - MAX11600_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11600EKA++ MAXIM-MAX11600EKA+ Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
More results

Similar Description - MAX11600_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
logo
Exar Corporation
XRT5794ES EXAR-XRT5794ES Datasheet
1Mb / 11P
   Evaluation System
logo
Maxim Integrated Produc...
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
   Evaluation System
Rev 1; 5/19
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
   MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
MAX17105EVKIT MAXIM-MAX17105EVKIT Datasheet
712Kb / 14P
   MAX17105 Evaluation Kit/Evaluation System
Rev 0; 4/09
MAX9590EVKIT MAXIM-MAX9590EVKIT Datasheet
723Kb / 9P
   MAX9590 Evaluation Kit/Evaluation System
19-0561; Rev 0; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com