Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11606 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11606
Description  Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11606 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11606 Datasheet HTML 1Page - Maxim Integrated Products MAX11606 Datasheet HTML 2Page - Maxim Integrated Products MAX11606 Datasheet HTML 3Page - Maxim Integrated Products MAX11606 Datasheet HTML 4Page - Maxim Integrated Products MAX11606 Datasheet HTML 5Page - Maxim Integrated Products MAX11606 Datasheet HTML 6Page - Maxim Integrated Products MAX11606 Datasheet HTML 7Page - Maxim Integrated Products MAX11606 Datasheet HTML 8Page - Maxim Integrated Products MAX11606 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Note 1: All WLP devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by
design and characterization.
Note 2: For DC accuracy, the MAX11606/MAX11608/MAX11610 are tested at VDD = 5V and the MAX11607/MAX11609/MAX11611
are tested at VDD = 3V. All devices are configured for unipolar, single-ended inputs.
Note 3: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range and
offsets have been calibrated.
Note 4: Offset nulled.
Note 5: Conversion time is defined as the number of clock cycles needed for conversion multiplied by the clock period. Conversion
time does not include acquisition time. SCL is the conversion clock in the external clock mode.
Note 6: A filter on the SDA and SCL inputs suppresses noise spikes and delays the sampling instant.
Note 7: The absolute input-voltage range for the analog inputs (AIN0–AIN11) is from GND to VDD.
Note 8: When the internal reference is configured to be available at AIN_/REF (SEL[2:1] = 11), decouple AIN_/REF to GND with a
0.1µF capacitor and a 2k
Ω series resistor (see the Typical Operating Circuit).
Note 9: ADC performance is limited by the converter’s noise floor, typically 300µVP-P.
Note 10: Measured as follows for the MAX11607/MAX11609/MAX11611:
and for the MAX11606/MAX11608/MAX11610, where N is the number of bits:
Note 11: A master device must provide a data hold time for SDA (referred to VIL of SCL) to bridge the undefined region of SCL’s
falling edge (see Figure 1).
Note 12: The minimum value is specified at TA = +25°C.
Note 13: CB = total capacitance of one bus line in pF.
Note 14: fSCL must meet the minimum clock low time plus the rise/fall times.
VV
VV
V
VV
FS
FS
REF
N
(.
)
( .
)
(.
.
)
55
45
21
55
45
[]×
VV
V
V
V
VV
FS
FS
REF
N
(.
)
( .
)
(.
.
)
36
27
21
36
27
[]×
Low-Power, 4-/8-/12-Channel, I2C,
10-Bit ADCs in Ultra-Small Packages
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS (Figure 1) (continued)
(VDD = 2.7V to 3.6V (MAX11607/MAX11609/MAX11611), VDD = 4.5V to 5.5V (MAX11606/MAX11608/MAX11610), VREF = 2.048V
(MAX11607/MAX11609/MAX11611), VREF = 4.096V (MAX11606/MAX11608/MAX11610), fSCL = 1.7MHz, TA = TMIN to TMAX, unless other-
wise noted. Typical values are at TA = +25°C. See Tables 1–5 for programming notation.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Rise Time of SCL Signal
(Current Source Enabled)
tRCL
Measured from 0.3VDD to 0.7VDD
20
80
ns
Rise Time of SCL Signal after
Acknowledge Bit
tRCL1
Measured from 0.3VDD to 0.7VDD
20
160
ns
Fall Time of SCL Signal
tFCL
Measured from 0.3VDD to 0.7VDD
20
80
ns
Rise Time of SDA Signal
tRDA
Measured from 0.3VDD to 0.7VDD
20
160
ns
Fall Time of SDA Signal
tFDA
Measured from 0.3VDD to 0.7VDD (Note 12)
20
160
ns
Setup Time for STOP (P) Condition
tSU,STO
160
ns
Capacitive Load for Each Bus Line
CB
400
pF
Pulse Width of Spike Suppressed
tSP
(Notes 11 and 14)
0
10
ns


Similar Part No. - MAX11606

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX11606 MAXIM-MAX11606 Datasheet
5Mb / 36P
   EV Kit Daughter Board Powered by the Master Board
Rev 0; 3/10
MAX11606EUA++ MAXIM-MAX11606EUA+ Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX11606EUA++ MAXIM-MAX11606EUA+ Datasheet
964Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
MAX11606 MAXIM-MAX11606_V01 Datasheet
964Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
More results

Similar Description - MAX11606

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11606 MAXIM-MAX11606_V01 Datasheet
964Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
MAX11612 MAXIM-MAX11612_11 Datasheet
310Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 12-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
logo
Linear Technology
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1852 LINER-LTC1852 Datasheet
247Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com