Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11615EVSYS+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11615EVSYS+
Description  Evaluation System
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11615EVSYS+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11615EVSYS+ Datasheet HTML 1Page - Maxim Integrated Products MAX11615EVSYS+ Datasheet HTML 2Page - Maxim Integrated Products MAX11615EVSYS+ Datasheet HTML 3Page - Maxim Integrated Products MAX11615EVSYS+ Datasheet HTML 4Page - Maxim Integrated Products MAX11615EVSYS+ Datasheet HTML 5Page - Maxim Integrated Products MAX11615EVSYS+ Datasheet HTML 6Page - Maxim Integrated Products MAX11615EVSYS+ Datasheet HTML 7Page - Maxim Integrated Products MAX11615EVSYS+ Datasheet HTML 8Page - Maxim Integrated Products MAX11615EVSYS+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
MAX11600–MAX11617 Evaluation System
_______________________________________________________________________________________ 5
MAX11615 EV Kit Daughter Board
MAX11616 EV Kit Daughter Board
DESIGNATION
QTY
DESCRIPTION
AIN0–AIN7
8
Yellow multipurpose test points
AVDD_EXT
1
Red multipurpose test point
C1, C7
2
1FF Q10%, 16V X5R ceramic
capacitors (0603)
Murata GRM188R61C105K
C2, C6
2
10FF Q10%, 6.3V X5R ceramic
capacitors (0603)
Murata GRM188R60J106M
C5, C8, C9,
C10
4
0.1FF Q10%, 16V X7R ceramic
capacitors (0603)
TDK C1608X7R1C104K
C15, C20, C25,
C30, C35, C40,
C45, C50
0
Not installed, ceramic
capacitors (0603)
D1
1
Red LED (0603)
D2
1
Yellow LED (0603)
GND
7
Black multipurpose test points
J1
1
2 x 10 right-angle female header
DESIGNATION
QTY
DESCRIPTION
AIN0–AIN11
12
Yellow multipurpose test points
AVDD_EXT
1
Red multipurpose test point
C1, C7
2
1FF Q10%, 16V X5R ceramic
capacitors (0603)
Murata GRM188R61C105K
C2, C6
2
10FF Q10%, 6.3V X5R ceramic
capacitors (0603)
Murata GRM188R60J106M
C5, C8, C9,
C10
4
0.1FF Q10%, 16V X7R ceramic
capacitors (0603)
TDK C1608X7R1C104K
C15, C20, C25,
C30, C35, C40,
C45, C50, C55,
C60, C65, C70
0
Not installed, ceramic
capacitors (0603)
D1
1
Red LED (0603)
D2
1
Yellow LED (0603)
GND
7
Black multipurpose test points
J1
1
2 x 10 right-angle female header
J2
1
24-pin dual-row (2 x 12) header
DESIGNATION
QTY
DESCRIPTION
J2
1
16-pin dual-row (2 x 8) header
JU1–JU4
4
3- pin headers
JU5–JU13
9
2-pin headers
REF, SCL,
SDA, 3.6V
4
White multipurpose test points
R1, R4, R7,
R10, R13, R16,
R19, R22
8
0I Q5% resistors (0603)
R35, R36
2
1kI Q5% resistors (0603)
R37
1
2kI Q5% resistor (0603)
R38, R39
2
470I Q5% resistors (0603)
U1
1
12-bit ADC (16 QSOP)
Maxim MAX11615EEE+
U3
1
Voltage reference (8 SO)
Maxim MAX6126AASA25+
13
Shunts
1
PCB: MAX11615 EVALUATION
KIT+
DESIGNATION
QTY
DESCRIPTION
JU1, JU2, JU4
3
3-pin headers
JU5–JU17
13
2-pin headers
JU3
1
4-pin header
REF, SCL,
SDA, +5V
4
White multipurpose test points
R1, R4, R7,
R10, R13, R16,
R19, R22, R25,
R28, R31, R34
12
0I Q5% resistors (0603)
R35, R36
2
1kI Q5% resistors (0603)
R37
1
2kI Q5% resistor (0603)
R38, R39
2
470I Q5% resistors (0603)
U1
1
12-bit ADC (16 QSOP)
Maxim MAX11616EEE+
U3
1
Voltage reference (8 SO)
Maxim MAX6126AASA25+
17
Shunts
1
PCB: MAX11616 EVALUATION
KIT+


Similar Part No. - MAX11615EVSYS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11615EEE++ MAXIM-MAX11615EEE+ Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX11615EEE++ MAXIM-MAX11615EEE+ Datasheet
310Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 12-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
More results

Similar Description - MAX11615EVSYS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
logo
Exar Corporation
XRT5794ES EXAR-XRT5794ES Datasheet
1Mb / 11P
   Evaluation System
logo
Maxim Integrated Produc...
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
   Evaluation System
Rev 1; 5/19
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
   MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
MAX17105EVKIT MAXIM-MAX17105EVKIT Datasheet
712Kb / 14P
   MAX17105 Evaluation Kit/Evaluation System
Rev 0; 4/09
MAX9590EVKIT MAXIM-MAX9590EVKIT Datasheet
723Kb / 9P
   MAX9590 Evaluation Kit/Evaluation System
19-0561; Rev 0; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com