Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11800EWC+T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX11800EWC+T
Description  Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11800EWC+T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX11800EWC+T Datasheet HTML 6Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 7Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 8Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 9Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 10Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 11Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 12Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 13Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
Low-Power, Ultra-Small Resistive Touch-Screen
Controllers with I2C/SPI Interface
10
______________________________________________________________________________________
SPI TIMING CHARACTERISTICS
(VDD = 1.7V to 3.6V, TA = -40°C to +85°C (MAX11800E and MAX11802E), TA = -40°C to +105°C (MAX11800G), unless otherwise
noted. Typical values are at TA = +25°C and VDD = 3.3V, unless otherwise noted. See Figure 2.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLK Frequency
fCLK
25
MHz
CLK Period
tCP
40
ns
CLK Pulse-Width High
tCH
18
ns
CLK Pulse-Width Low
tCL
18
ns
CS Low to 1st CLK Rise Setup
tCSS0
18
ns
CS Low After 0th CLK Rise Hold
tCSH0
To prevent a 0th CLK read from being taken
as a 1st read in a free-running application
0ns
CS High to 17th CLK Setup
tCSS1
To prevent a 17th CLK read from being
recognized by the device in a free-running
application
18
ns
CS High After 16th CLK Falling
Edge Hold
tCSH1
0ns
CS Pulse-Width High
tCSW
18
ns
DIN to CLK Setup
tDS
25
ns
DIN Hold After CLK
tDH
0ns
DOUT Transition Valid After CLK
Rise
tDOT
Output transition time
25
ns
DOUT Remains Valid After CLK
Rise
tDOH
Output hold time
3
ns
DOUT Valid Before CLK Rise
tDO1
tDO1 = tCP - tDOT
10
ns
CS Rise to DOUT Disable
tDOD
CLOAD = 20pF
40
ns
CLK Rise to DOUT Enable
tDOE
CLOAD = 20pF. Minimum = hold time with
regard to 8th CLK read. Maximum =
transition time with regard to 8th CLK read.
325
ns
SDA
SCL
S
tF
tHD;STA
tLOW
tR
tHD;DAT
tSU;DAT
tHIGH
tF
tSU;STA
tHD;STA
Sr
tSP
tBUF
tSU;STO
P
S
Figure 1. I2C Timing Diagram


Similar Part No. - MAX11800EWC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11800EWC+T MAXIM-MAX11800EWC+T Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
MAX11800EWC+T MAXIM-MAX11800EWC+T Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
More results

Similar Description - MAX11800EWC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11800 MAXIM-MAX11800_10 Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
logo
Asahi Kasei Microsystem...
AK4185 AKM-AK4185_10 Datasheet
574Kb / 30P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
579Kb / 27P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
461Kb / 30P
   Low Power Touch Screen Controller with SPI Interface
AK4186 AKM-AK4186 Datasheet
634Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
AK4186 AKM-AK4186 Datasheet
887Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
logo
Maxim Integrated Produc...
MAX11811 MAXIM-MAX11811 Datasheet
816Kb / 1P
   TacTouch™, Low-Power, Ultra-Small, Resistive Touch-Screen Controller with Haptic Driver
Rev 0; 1/10
logo
Shenzhen Huazhimei Semi...
HM2056 HMSEMI-HM2056 Datasheet
892Kb / 19P
   Ultra-low power consumption 4-wire resistive touch screen controller
logo
List of Unclassifed Man...
WTD0001 ETC-WTD0001 Datasheet
88Kb / 4P
   TOUCH SCREEN CONTROLLER (FOR SPI INTERFACE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com