Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13013_0412 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13013_0412
Description  1.2V to 3.6V, 0.1μA, 100Mbps, Single-/Dual-/Quad-Level Translators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13013_0412 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13013_0412 Datasheet HTML 1Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 2Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 3Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 4Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 5Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 6Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 7Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 8Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
+1.2V to +3.6V, 0.1µA, 100Mbps,
Single-/Dual-/Quad-Level Translators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +1.65V to +3.6V, VL = +1.2V to (VCC - 0.4V), EN = VL, EN = open (MAX3023 TSSOP package only), CIOVL
≤ 15pF, CIOVCC ≤ 40pF,
TA = TMIN to TMAX. Typical values are at TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All voltages are referenced to GND.
VCC ...........................................................................-0.3V to +4V
VL...........................................................................................-0.3V to +4V
I/O VCC_......................................................-0.3V to (VCC + 0.3V)
I/O VL_ ...........................................................-0.3V to (VL + 0.3V)
EN, EN...........................................................-0.3V to (VL + 0.3V)
Short-Circuit Duration I/O VL_,
I/O VCC_ to GND ....................................................Continuous
Continuous Power Dissipation (TA = +70°C)
6-Pin SC70 (derate 3.1mW/
°C above +70°C)..............245mW
6-Bump UCSP (derate 3.9mW/°C above +70°C).........308mW
8-Bump UCSP (derate 4.7mW/°C above +70°C).........379mW
8-Pin SOT23 (derate 9.1mW/°C above +70°C)............727mW
12-Bump UCSP (derate 6.5mW/°C above +70°C) ...518.8mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) .........727mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
VL Supply Range
VL
1.2
VCC - 0.4
V
VCC Supply Range
VCC
1.65
3.60
V
Supply Current from VCC
IQVCC
I/O VCC_ = 0, I/O VL_ = 0
or I/O VCC_ = VCC, I/O VL_ = VL
0.1
1
µA
I/O VCC_ = 0, I/O VL_ = 0
or I/O VCC_ = VCC, I/O VL_ = VL
0.2
2
Supply Current from VL
IQVL
I/O VCC_ = 0, I/O VL_ = 0
or I/O VCC_ = VCC, I/O VL_ = VL,
VL < VCC - 0.2V
10
100
µA
VCC Tri-state Output-Mode
Supply Current
ITS-VCC
TA = +25°C, EN = 0
0.03
1
µA
TA = +25
°C, EN = 0
0.1
0.2
VL Tri-state Output-Mode Supply
Current (MAX13013/MAX13014)
ITS-VL
TA = +25
°C, EN = 0, VL = VCC - 0.2V
1
2
µA
TA = +25
°C, EN = 0
50
70
VL Tri-state Output-Mode Supply
Current (MAX3023 TSSOP
Package Only)
ITS-VL
TA = +25
°C, EN = 0, VL = VCC - 0.2V
55
74
µA
TA = +25
°C, EN = 0
0.15
I/O Tri-state Output-Mode
Leakage Current
TA = +25
°C, EN = 0, VL = VCC - 0.2V
20
µA


Similar Part No. - MAX13013_0412

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13013EXT MAXIM-MAX13013EXT Datasheet
849Kb / 21P
   1.2V to 3.6V, 0.1uA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 1; 8/04
More results

Similar Description - MAX13013_0412

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13013 MAXIM-MAX13013 Datasheet
849Kb / 21P
   1.2V to 3.6V, 0.1uA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 1; 8/04
logo
STMicroelectronics
MAX3013 STMICROELECTRONICS-MAX3013 Datasheet
438Kb / 17P
   1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
logo
Maxim Integrated Produc...
MAX3013 MAXIM-MAX3013 Datasheet
443Kb / 17P
   1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
MAX3000E MAXIM-MAX3000E_08 Datasheet
216Kb / 25P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
MAX3005 MAXIM-MAX3005 Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
logo
Pericom Semiconductor C...
PI4ULS3V16 PERICOM-PI4ULS3V16_13 Datasheet
333Kb / 7P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS3V08 PERICOM-PI4ULS3V08 Datasheet
751Kb / 8P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS3V16 PERICOM-PI4ULS3V16_07 Datasheet
446Kb / 10P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
logo
Maxim Integrated Produc...
MAX9420 MAXIM-MAX9420 Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com