Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4850F Datasheet(PDF) 2 Page - Sharp Corporation

Part # PT4850F
Description  Thin Type Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT4850F Datasheet(HTML) 2 Page - Sharp Corporation

  PT4850F Datasheet HTML 1Page - Sharp Corporation PT4850F Datasheet HTML 2Page - Sharp Corporation PT4850F Datasheet HTML 3Page - Sharp Corporation PT4850F Datasheet HTML 4Page - Sharp Corporation PT4850F Datasheet HTML 5Page - Sharp Corporation PT4850F Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PT4800/PT4800F/PT4810/PT4810F/PT4850F
s Electro-optical Characteristics
*2 E e : Irradiance by CIE standard light source A ( tungsten lamp)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
*2Collector current
PT4800
IC
Ee = 1mW/cm2
VCE =5V
0.12
0.4
1.0
mA
PT4800F
0.08
0.25
0.75
mA
PT4850F
0.12
-
0.56
mA
PT4810
Ee = 0.1mW/cm2
0.45
-
7.0
mA
PT4810F
0.27
-
6.0
mA
VCE =2V
Collector dark current
PT4800/PT4800F
ICEO
Ee = 0, VCE = 20V
-
-
0.1
m A
PT4850F
PT4810/PT4810F
Ee = 0, VCE = 10V
-
-
1.0
m A
voltage
PT4800/PT4800F
V CE
(sat)
Ee = 10mW/cm2
-
-
0.4
V
PT4850F
IC = 0.5mA
PT4810/PT4810F
Ee = 1mW/cm2
-
-
1.0
V
IC = 2.5mA
Collector-emitter breakdown voltage
BV CEO
IC = 0.1mA
35
-
-
V
Ee =0
Emitter-collector breakdown voltage
BV ECO
IE = 0.01mA
6-
-
V
Ee =0
Peak sensitivity
wavelength
PT4800
λ p
-
800
-
nm
PT4800F
-
860
-
nm
PT4850F
-
-
860
-
nm
PT4810
-
800
-
nm
PT4810F
-
860
-
nm
t r
VCE = 2V, I C = 2mA
-
3.0
-
µ s
RL = 100
VCE =2V
IC = 10mA
RL = 100
-
80
400
µs
tf
V CE = 2V, I C = 2mA
-
3.5
-
µs
RL = 100
V CE =2V
IC = 10mA
RL = 100
-
70
350
µs
Half intensity angle
∆θ
-
-
±35
-
PT4800/PT4800F
PT4850F
PT4810/PT4810F
PT4800/PT4800F
PT4850F
PT4810/PT4810F
*2Collector-emitter saturation
( Ta = 25˚C)
- 25
0
25
50
75
100
0
20
40
60
80
100
85
0
25
50
75
100
2
5
2
5
2
5
2
5
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Fig. 1 Collector Power Dissipation vs.
Ambient Temperature
(PT4800/PT4800F/PT4850F )
Response
time
Rise time
Fall time
Fig. 2-a Collector Dark Current vs.
Ambient Temperature
VCE = 20V
10 -6
10 -7
10 -8
10 -9
10 -10
˚


Similar Part No. - PT4850F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4850 TI-PT4850 Datasheet
233Kb / 13P
[Old version datasheet]   25-A Triple Output Isolated DC/DC Converter For Logic Applications
More results

Similar Description - PT4850F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT4120 SHARP-PT4120 Datasheet
49Kb / 4P
   Side View and Thin Flat Type 2-Phase Output Phototransistor
logo
CT Micro International ...
PTP81608T08 CTMICRO-PTP81608T08 Datasheet
1,002Kb / 10P
   SMD Type Phototransistor
Rev 0 Jan, 2019
logo
Sharp Corporation
PT360 SHARP-PT360 Datasheet
98Kb / 3P
   COMPACT TYPE PHOTOTRANSISTOR
logo
CT Micro International ...
PTC93528T19 CTMICRO-PTC93528T19 Datasheet
876Kb / 9P
   SMD Type Phototransistor
Rev 0 Jul, 2015
PTP81708T06 CTMICRO-PTP81708T06 Datasheet
906Kb / 10P
   SMD Type Phototransistor
Rev 0 Sep, 2017
PTP73010T20 CTMICRO-PTP73010T20 Datasheet
952Kb / 10P
   SMD Type Phototransistor
Rev 3 Jun, 2018
logo
Sharp Corporation
PT4800E0000F SHARP-PT4800E0000F Datasheet
982Kb / 9P
   Transparent Resin, Medium Directivity Angle, Thin Package Phototransistor
PT4800FE000F SHARP-PT4800FE000F Datasheet
965Kb / 9P
   Opaque Resin, Medium Directivity Angle, Thin Package Phototransistor
logo
Rohm
RPM-25PT ROHM-RPM-25PT Datasheet
61Kb / 3P
   Phototransistor, side view type
logo
KODENSHI_AUE CORP.
KEITU011A KODENSHI_-KEITU011A Datasheet
129Kb / 2P
   Transmissive Type (Phototransistor Output)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com