Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11629EEE+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11629EEE+
Description  12-Bit, 300ksps ADCs with FIFO and Internal Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11629EEE+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11629EEE+ Datasheet HTML 1Page - Maxim Integrated Products MAX11629EEE+ Datasheet HTML 2Page - Maxim Integrated Products MAX11629EEE+ Datasheet HTML 3Page - Maxim Integrated Products MAX11629EEE+ Datasheet HTML 4Page - Maxim Integrated Products MAX11629EEE+ Datasheet HTML 5Page - Maxim Integrated Products MAX11629EEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX11629EEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX11629EEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX11629EEE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
12-Bit, 300ksps ADCs
with FIFO and Internal Reference
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Externally clocked conversion
208
SCLK Clock Period
tCP
Data I/O
100
ns
SCLK Pulse Width High
tCH
40
ns
SCLK Pulse Width Low
tCL
40
ns
SCLK Fall to DOUT Transition
tDOT
CLOAD = 30pF
40
ns
CS Rise to DOUT Disable
tDOD
CLOAD = 30pF
40
ns
CS Fall to DOUT Enable
tDOE
CLOAD = 30pF
40
ns
DIN to SCLK Rise Setup
tDS
40
ns
SCLK Rise to DIN Hold
tDH
0
ns
CS Low to SCLK Setup
tCSS0
40
ns
CS High to SCLK Setup
tCSS1
40
ns
CS High After SCLK Hold
tCSH1
0
ns
CS Low After SCLK Hold
tCSH0
0
4
µs
tCSPW
CKSEL = 00
40
ns
CNVST Pulse Width Low
CKSEL = 01
1.4
µs
Voltage conversion
7
CS or CNVST Rise to EOC
Low (Note 7)
Reference power-up
65
µs
TIMING CHARACTERISTICS (Figure 1)
(VDD = +2.7V to +3.6V (MAX11627/MAX11629/MAX11633); VDD = +4.75V to +5.25V (MAX11626/MAX11628/MAX11632), fSAMPLE =
300kHz, fSCLK = 4.8MHz (50% duty cycle), VREF = 2.5V (MAX11627//MAX11629/MAX11633); VREF = 4.096V (MAX11626/
MAX11628/MAX11632), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
INTEGRAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE (DECIMAL)
3072
2048
1024
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
4096
MAX11626/MAX11628/MAX11632
fSAMPLE = 300ksps
INTEGRAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE (DECIMAL)
3072
2048
1024
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
4096
MAX11627/MAX11629/MAX11633
fSAMPLE = 300ksps
DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE (DECIMAL)
3072
2048
1024
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
04096
MAX11626/MAX11628/MAX11632
fSAMPLE = 300ksps
Typical Operating Characteristics
(VDD = +3V, VREF = +2.5V, fSCLK = 4.8MHz, CLOAD = 30pF, TA = +25°C, unless otherwise noted.)
Note 7: This time is defined as the number of clock cycles needed for conversion multiplied by the clock period. If the internal refer-
ence needs to be powered up, the total time is additive.


Similar Part No. - MAX11629EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11629EEE MAXIM-MAX11629EEE Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
MAX11629EEE MAXIM-MAX11629EEE Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
More results

Similar Description - MAX11629EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11626 MAXIM-MAX11626 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
MAX11618 MAXIM-MAX11618 Datasheet
1Mb / 21P
   10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
MAX1226 MAXIM-MAX1226_V01 Datasheet
394Kb / 23P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2010
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com