Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11632EEG+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX11632EEG+
Description  12-Bit, 300ksps ADCs with FIFO and Internal Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11632EEG+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX11632EEG+ Datasheet HTML 6Page - Maxim Integrated Products MAX11632EEG+ Datasheet HTML 7Page - Maxim Integrated Products MAX11632EEG+ Datasheet HTML 8Page - Maxim Integrated Products MAX11632EEG+ Datasheet HTML 9Page - Maxim Integrated Products MAX11632EEG+ Datasheet HTML 10Page - Maxim Integrated Products MAX11632EEG+ Datasheet HTML 11Page - Maxim Integrated Products MAX11632EEG+ Datasheet HTML 12Page - Maxim Integrated Products MAX11632EEG+ Datasheet HTML 13Page - Maxim Integrated Products MAX11632EEG+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
12-Bit, 300ksps ADCs
with FIFO and Internal Reference
10
______________________________________________________________________________________
Pin Description
MAX11626
MAX11627
(4 CHANNELS)
MAX11628
MAX11629
(8 CHANNELS)
MAX11632
MAX11633
(16 CHANNELS)
NAME
FUNCTION
5, 6, 7
N.C.
No Connection. Not internally connected.
1–15
AIN0–AIN14
Analog Inputs
1–7
AIN0–AIN6
Analog Inputs
1–4
AIN0–AIN3
Analog Inputs
——
16
CNVST/AIN15
Active-Low Conversion Start Input/Analog Input 15.
See Table 3 for details on programming the setup
register.
—8
CNVST/AIN7
Active-Low Conversion Start Input/Analog Input 7.
See Table 3 for details on programming the setup
register.
8—
CNVST
Active-Low Conversion Start Input. See Table 3 for
details on programming the setup register.
9
9
17
REF
Reference Input. Bypass to GND with a 0.1µF
capacitor.
10
10
18
GND
Ground
11
11
19
VDD
Power Input. Bypass to GND with a 0.1µF
capacitor.
12
12
20
CS
Active-Low Chip-Select Input. When
CS is low, the
serial interface is enabled. When
CS is high, DOUT
is high impedance.
13
13
21
SCLK
Serial Clock Input. Clocks data in and out of the serial
interface. (Duty cycle must be 40% to 60%.) See
Table 3 for details on programming the clock mode.
14
14
22
DIN
Serial Data Input. DIN data is latched into the serial
interface on the rising edge of SCLK.
15
15
23
DOUT
Serial Data Output. Data is clocked out on the falling
edge of SCLK. High impedance when
CS is
connected to VDD.
16
16
24
EOC
End of Conversion Output. Data is valid after
EOC
pulls low.


Similar Part No. - MAX11632EEG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11632EEG MAXIM-MAX11632EEG Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
MAX11632EEG MAXIM-MAX11632EEG Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
More results

Similar Description - MAX11632EEG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11626 MAXIM-MAX11626 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
MAX11618 MAXIM-MAX11618 Datasheet
1Mb / 21P
   10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
MAX1226 MAXIM-MAX1226_V01 Datasheet
394Kb / 23P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2010
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com