Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13047EEVB+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX13047EEVB+
Description  Single- and Dual-Bidirectional Low-Level Translator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13047EEVB+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX13047EEVB+ Datasheet HTML 3Page - Maxim Integrated Products MAX13047EEVB+ Datasheet HTML 4Page - Maxim Integrated Products MAX13047EEVB+ Datasheet HTML 5Page - Maxim Integrated Products MAX13047EEVB+ Datasheet HTML 6Page - Maxim Integrated Products MAX13047EEVB+ Datasheet HTML 7Page - Maxim Integrated Products MAX13047EEVB+ Datasheet HTML 8Page - Maxim Integrated Products MAX13047EEVB+ Datasheet HTML 9Page - Maxim Integrated Products MAX13047EEVB+ Datasheet HTML 10Page - Maxim Integrated Products MAX13047EEVB+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Single- and Dual-Bidirectional
Low-Level Translator
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VCC = +3.3V, VL = +1.8V, RL = 1MΩ, CL = 15pF, push-pull driving data rate = 8Mbps, TA = +25°C, unless otherwise noted.)
PROPAGATION DELAY vs. CAPACITIVE LOAD
(PUSH-PULL DRIVING ONE I/O VL)
CAPACITIVE LOAD (pF)
0
1020304050
0
1
2
3
4
5
6
7
RISE/FALL TIME vs. CAPACITIVE LOAD
(PUSH-PULL DRIVING ONE I/O VCC)
CAPACITIVE LOAD (pF)
0
1020304050
0
2
4
6
8
10
12
tRVL
tFVL
PROPAGATION DELAY vs. CAPACITIVE LOAD
(PUSH-PULL DRIVING ONE I/O VCC)
CAPACITIVE LOAD (pF)
0
1020304050
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RAIL-TO-RAIL DRIVING
(DRIVING ONE I/O VL)
MAX13046E/7E toc13
25ns/div
I/O VL
I/O VCC
1V/div
1V/div
EXISTING SHUTDOWN MODE
MAX13046E/7E toc14
250ns/div
I/O VL
I/O VCC
1V/div
2V/div
1V/div
SHDN


Similar Part No. - MAX13047EEVB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13047EEVKIT MAXIM-MAX13047EEVKIT Datasheet
176Kb / 7P
   On-Board Clock Generators Capable of 8MHz, 4MHz, and 1MHz
Rev 0; 9/08
MAX13047EEVKIT++ MAXIM-MAX13047EEVKIT+ Datasheet
176Kb / 7P
   On-Board Clock Generators Capable of 8MHz, 4MHz, and 1MHz
Rev 0; 9/08
More results

Similar Description - MAX13047EEVB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3397E MAXIM-MAX3397E Datasheet
286Kb / 13P
   Dual Bidirectional Low-Level Translator in 關DFN
Rev 0; 4/07
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212 Datasheet
397Kb / 11P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
logo
ON Semiconductor
PCA9306AMUTCG ONSEMI-PCA9306AMUTCG Datasheet
185Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2013 ??Rev. 5
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
NXP Semiconductors
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
PCA9306 NXP-PCA9306 Datasheet
138Kb / 23P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 04-26 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com