Electronic Components Datasheet Search |
|
MAX13410EESA+ Datasheet(PDF) 5 Page - Maxim Integrated Products |
|
MAX13410EESA+ Datasheet(HTML) 5 Page - Maxim Integrated Products |
5 / 24 page RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control _______________________________________________________________________________________ 5 SWITCHING CHARACTERISTICS–MAX13411E (continued) (VCC = +6.0V to +28V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +7.5V, CS = 1µF, and TA = +25°C.) (Note 2) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Driver Enable to Output Low tDZL S1 closed, Figure 4, RL = 500 Ω, CL = 100pF 70 ns Driver Disable from Output High tDHZ S2 closed, Figure 4, RL = 500 Ω, CL = 100pF 50 ns Driver Disable from Output Low tDLZ S1 closed, Figure 4, RL = 500 Ω, CL = 100pF 50 ns RECEIVER tRPLH 75 Receiver Propagation Delay tRPHL CL = 15pF (at RO), Figures 5 and 6 75 ns Receiver Output Skew tRSKEW CL = 15pF (at RO), Figures 5 and 6 8 ns Maximum Data Rate fMAX 16 Mbps Receiver Enable to Output High tRZH S2 closed, Figure 7, CL = 15pF 50 ns Receiver Enable to Output Low tRZL S1 closed, Figure 7, CL = 15pF 50 ns Receiver Disable Time from High tRZH S2 closed, Figure 7 , CL = 15pF 50 ns Receiver Disable Time from Low tRLZ S1 closed, Figure 7, CL = 15pF 50 ns Receiver Enable from Shutdown to Output High tRZH(SHDN) S2 closed, Figure 7, CL = 15pF 14 µs Receiver Enable from Shutdown to Output Low tRZL(SHDN) S1 closed, Figure 7, CL = 15pF 3.5 µs SWITCHING CHARACTERISTICS–MAX13412E (VCC = +6.0V to +28V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +7.5V, CS = 1µF, and TA = +25°C.) (Note 2) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS DRIVER tDPLH 200 1000 Driver Propagation Delay tDPHL RL = 110 Ω, CL = 50pF, Figures 2b and 3b 200 1000 ns tHL 250 900 Driver Differential Output Rise or Fall Time tLH RL = 110 Ω, CL = 50pF, Figures 2b and 3b 250 900 ns Maximum Data Rate fMAX 500 kbps Driver Disable Delay tDDD RL = 110 Ω, CL = 50pF, Figure 3b 2500 ns RECEIVER tRPLH 200 Receiver Propagation Delay tRPHL CL = 15pF, Figures 5 and 6 200 ns Receiver Output Skew tRSKEW CL = 15pF, Figures 5 and 6 30 ns Maximum Data Rate fMAX 500 kbps Receiver Enable to Output High tRZH S2 closed, Figure 7, CL = 15pF 50 ns Receiver Enable to Output Low tRZL S1 closed, Figure 7, CL = 15pF 50 ns |
Similar Part No. - MAX13410EESA+ |
|
Similar Description - MAX13410EESA+ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |