Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGM622S Datasheet(PDF) 4 Page - Sanken electric

Part # FGM622S
Description  Low Saturation Voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FGM622S Datasheet(HTML) 4 Page - Sanken electric

  FGM622S Datasheet HTML 1Page - Sanken electric FGM622S Datasheet HTML 2Page - Sanken electric FGM622S Datasheet HTML 3Page - Sanken electric FGM622S Datasheet HTML 4Page - Sanken electric FGM622S Datasheet HTML 5Page - Sanken electric FGM622S Datasheet HTML 6Page - Sanken electric FGM622S Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
http://www.sanken-ele.co.jp
FGM622S
Sep. 2011
The information included herein is believed to be accurate and reliable. However, SANKEN ELECTRIC CO., LTD assumes no
responsibility for its use ; nor for any infringements of patents or other rights of third parties that may result from its use.
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 4
SANKEN ELECTRIC
Characteristic Curves
0
20
40
60
80
0
123
45
VCE (V)
IC - VCE characteristics (typical)
Ta=25℃
VGE=20V
8V
6V
7V
10V
15V
0
20
40
60
80
0
12345
VCE (V)
IC - VCE characteristics (typical)
VGE=20V
Ta=125℃
15V
10V
7V
6V
8V
0
1
2
3
4
-50
0
50
100
150
Tc (℃)
VCE(sat) - Tc characteristics (typical)
VGE=15V
40A
25A
0
20
40
60
80
0
5
10
15
VGE (V)
IC - VGE characteristics (typical)
VCE=5V
25℃
Tc = -40℃
125℃
0
1
2
3
4
5
110
100
VGE (V)
VCE - VGE characteristics (typical)
Tc = 25℃
IC=40A
25A
0
1
2
3
4
5
110
100
VGE (V)
VCE - VGE characteristics (typical)
Tc = 125℃
IC=40A
25A


Similar Part No. - FGM622S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGM622S SANKEN-FGM622S Datasheet
495Kb / 7P
   Low Saturation Voltage
FGM622S SANKEN-FGM622S Datasheet
175Kb / 4P
   Selection Guide
More results

Similar Description - FGM622S

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
   Low Saturation Voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
   Low saturation voltage
logo
Inchange Semiconductor ...
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C1 ISC-D44C1 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C4 ISC-D44C4 Datasheet
191Kb / 2P
   Low Saturation Voltage
logo
IXYS Corporation
FII30-06D IXYS-FII30-06D Datasheet
395Kb / 5P
   low saturation voltage
logo
Sanken electric
FGM622S SANKEN-FGM622S Datasheet
495Kb / 7P
   Low Saturation Voltage
logo
STMicroelectronics
STGB20N40LZ STMICROELECTRONICS-STGB20N40LZ Datasheet
1Mb / 20P
   Low saturation voltage
June 2014 Rev 5
logo
Inchange Semiconductor ...
D45C4 ISC-D45C4 Datasheet
192Kb / 2P
   Low Saturation Voltage
D44C11 ISC-D44C11 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C12 ISC-D44C12 Datasheet
192Kb / 2P
   Low Saturation Voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com