Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14501AEWN+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX14501AEWN+
Description  Hi-Speed USB-to-SD Card Readers with Bypass
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14501AEWN+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX14501AEWN+ Datasheet HTML 5Page - Maxim Integrated Products MAX14501AEWN+ Datasheet HTML 6Page - Maxim Integrated Products MAX14501AEWN+ Datasheet HTML 7Page - Maxim Integrated Products MAX14501AEWN+ Datasheet HTML 8Page - Maxim Integrated Products MAX14501AEWN+ Datasheet HTML 9Page - Maxim Integrated Products MAX14501AEWN+ Datasheet HTML 10Page - Maxim Integrated Products MAX14501AEWN+ Datasheet HTML 11Page - Maxim Integrated Products MAX14501AEWN+ Datasheet HTML 12Page - Maxim Integrated Products MAX14501AEWN+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Hi-Speed USB-to-SD Card
Readers with Bypass
_______________________________________________________________________________________
9
Pin Description
PIN
TQFN
WLP
NAME
FUNCTION
INPUTS/OUTPUTS
1
C4
I2C_SEL
I2C Select Input. I2C_SEL must be connected to VIO or GND at power-up. Drive
I2C_SEL low to disable I2C control and drive I2C_SEL high to enable I2C control.
2
A2
SCL
I2C Serial-Clock Input. SCL is +3.6V tolerant and the high threshold is set by VIO. If
the I2C interface is not used, connect SCL to GND.
3
B4
SDA
I2C Serial-Data I/O. SDA is +3.6V tolerant and the high threshold is set by VIO. If the
I2C interface is not used, connect SDA to GND.
4
A3
ADD
I2C Address Selection Input. Connect ADD to VIO or GND to select between two I2C
slave addresses: (GND = 1110 000Xb and VIO = 1110 001Xb).
6B6
BERR/INT
Card Reader Error/Interrupt Output. BERR/INT becomes BERR for simple control and
INT for I2C control. BERR/INT goes low to indicate an error in Card Reader mode
during simple control and asserts for enabled interrupts during I2C control.
7A7
BUSY
Busy Output. BUSY asserts low to indicate device is in Card Reader mode.
8
C6
MODE
Card Reader/Pass Thru Mode Select Input. MODE is only active during simple
control. Drive MODE low to enable Pass Thru mode and drive MODE high to enable
Card Reader mode. For I2C control, MODE must be connected to GND.
9B7
RST
Reset Input. Drive RST low to reset the internal registers to default values and put all
outputs in high impedance. Connect RST to VIO for normal operation.
25
E6
FREF
Frequency Input. FREF is the clock input (12MHz/13MHz/19.2MHz/26MHz) for the
internal logic and USB PHY. FREF can accept a square-wave or sine-wave clock. An
internal clock squaring circuit can be enabled or disabled through I2C. In simple
control, the internal clock squarer is enabled by default.
27
F5
RREF
Reference Resistor. Connect a Bias Resistor 6.19k
Ω ±1% from RREF to GND.
USB INTERFACE
22
G7
CD+
USB Analog Switch/Hi-Speed USB Transceiver. CD+ connects to D+ on the USB
connector.
21
F7
CD-
USB Analog Switch/Hi-Speed USB Transceiver. CD- connects to D- on the USB
connector.
20
G8
HD+
USB Analog Switch. HD+ connects to D+ on the host side.
19
F8
HD-
USB Analog Switch. HD- connects to D- on the host side.
28
E5
KVBUS
USB Bus Power-Supply Detection Input. Connect a resistor-divider between USB
VBUS, KVBUS, and GND.
SD CARD INTERFACE
13
C8
CDAT1_0
SD Card 1 Data Bus Analog Switch/Card Reader Interface. CDAT1_0 connects to
DAT0 on the SD card.
12
B8
CDAT1_1
SD Data Card 1 Bus Analog Switch/Card Reader Interface. CDAT1_1 connects to
DAT1 on the SD card.
11
C7
CDAT1_2
SD Data Card 1 Bus Analog Switch/Card Reader Interface. CDAT1_2 connects to
DAT2 on the SD card.


Similar Part No. - MAX14501AEWN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
   Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
MAX14502 MAXIM-MAX14502 Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14502EVKIT MAXIM-MAX14502EVKIT Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14502EVKIT++ MAXIM-MAX14502EVKIT+ Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14504 MAXIM-MAX14504 Datasheet
190Kb / 12P
   Internal Shunt Switches Reduce Click/Pop
Rev 1; 12/08
More results

Similar Description - MAX14501AEWN+

ManufacturerPart #DatasheetDescription
logo
JMicron Technology Corp...
JM20329 JMICRON-JM20329 Datasheet
126Kb / 2P
   Hi-Speed USB to SATA Bridge
JM20339 JMICRON-JM20339 Datasheet
185Kb / 2P
   Hi-Speed USB to SATA Bridge
May 2004 Version 1.2
logo
Future Technology Devic...
C232HM FTDI-C232HM Datasheet
531Kb / 18P
   USB 2.0 Hi-Speed to MPSSE Cable
logo
List of Unclassifed Man...
STIR4220 ETC1-STIR4220 Datasheet
67Kb / 2P
   USB 2.0 Hi-Speed to irDA Bridge
logo
PLX Technology
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
   Hi-Speed USB 2.0 to SATA Controller
logo
List of Unclassifed Man...
PL-2507 ETC1-PL-2507 Datasheet
39Kb / 1P
   Hi-Speed USB to IDE Bridge Controller
logo
PLX Technology
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
   Hi-Speed USB 2.0 to SATA Controller
logo
List of Unclassifed Man...
PL-2571 ETC2-PL-2571 Datasheet
64Kb / 1P
   Hi-Speed USB to SATAII Bridge Controller
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
   USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
logo
PLX Technology
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
   PCI to USB 2.0 Hi-Speed Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com