Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14569 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14569
Description  Dual-Pair LLT with Charge Pump and High-ESD Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14569 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14569 Datasheet HTML 1Page - Maxim Integrated Products MAX14569 Datasheet HTML 2Page - Maxim Integrated Products MAX14569 Datasheet HTML 3Page - Maxim Integrated Products MAX14569 Datasheet HTML 4Page - Maxim Integrated Products MAX14569 Datasheet HTML 5Page - Maxim Integrated Products MAX14569 Datasheet HTML 6Page - Maxim Integrated Products MAX14569 Datasheet HTML 7Page - Maxim Integrated Products MAX14569 Datasheet HTML 8Page - Maxim Integrated Products MAX14569 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Dual-Pair LLT with Charge Pump
and High-ESD Protection
5
Note 2: VL must be less than or equal to VCC during normal operation. However, VL can be greater than VCC during startup and
shutdown conditions.
Note 3: All units are 100% production tested at TA = +25NC. Limits over the operating temperature range are guaranteed by design
and not production tested.
Note 4: Connect a 0.47µF capacitor between CP1 and CP2.
Note 5: DIVBAT = [IVBAT(VENAB = VENCD = VIL) - IVBAT(VENAB = VENCD= 0V)]. Guaranteed by design and not production tested.
Note 6: VCC = 5.0V, VL = 1.6V to VCC, VBAT = 2.7V to 3.6V, VENAB = VENCD > VIH, RS = 50I, RL = 1MI, CL = 15pF, TA = -40NC to
+85NC, unless otherwise noted. Typical values are at VBAT = 3.6V, VL = 3.0V, and TA = +25NC.
ELECTRICAL CHARACTERISTICS (continued)
(VBAT = 2.3V to 5.5V, VL = 1.6V to 5.5V, CVBAT = 1FF, CVCC = 2.2FF, CVL = 0.1FF, TA = -40NC to +85NC, unless otherwise noted.
Typical values are at VBAT = 3.6V, VL = 3.0V, and TA = +25NC.) (Notes 2, 3, 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CP_ Switching Frequency
fCP
No capacitor between CP1 and
CP2, 2.7V P VBAT P 4.5V
0.5
1
1.5
MHz
Efficiency
E
ICC = 10mA, VBAT = 2.7V,
VCC = 5.0V
90
%
THERMAL PROTECTION
Thermal Shutdown
TSHDN
+150
N
C
Thermal Hysteresis
THYST
+20
N
C
ESD PROTECTION
OUTAVCC, INBVCC,
OUTCVCC, INDVCC
Human Body Model
±25
kV
IEC 61000-4-2 Air Gap
Discharge
±15
IEC 61000-4-2 Contact
Discharge
±12
All Other Pins
Human Body Model
±2
kV


Similar Part No. - MAX14569

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14562 MAXIM-MAX14562 Datasheet
1Mb / 10P
   36V-Capable Overvoltage Protector with Regulated Output Voltage
Rev 1; 8/11
MAX14562ETA+T MAXIM-MAX14562ETA+T Datasheet
1Mb / 10P
   36V-Capable Overvoltage Protector with Regulated Output Voltage
Rev 1; 8/11
MAX14566AE MAXIM-MAX14566AE Datasheet
1Mb / 15P
   USB Host Charger Identification Analog Switches 2mm x 2mm, 8-Pin TDFN Package
Rev 1; 3/11
MAX14566AE MAXIM-MAX14566AE Datasheet
1Mb / 10P
   Proven PCB Layout
Rev 0; 4/11
MAX14566AEETA MAXIM-MAX14566AEETA Datasheet
1Mb / 15P
   USB Host Charger Identification Analog Switches 2mm x 2mm, 8-Pin TDFN Package
Rev 1; 3/11
More results

Similar Description - MAX14569

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Advanced Analogic Techn...
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2846 ANALOGICTECH-AAT2846_08 Datasheet
1Mb / 22P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2856 ANALOGICTECH-AAT2856 Datasheet
491Kb / 22P
   High Current Charge Pump with Dual LDO for BacklightApplications
AAT2842 ANALOGICTECH-AAT2842 Datasheet
627Kb / 21P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2842 ANALOGICTECH-AAT2842_07 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
logo
Maxim Integrated Produc...
MAX865 MAXIM-MAX865 Datasheet
89Kb / 8P
   Compact, Dual-Output Charge Pump
Rev 1; 7/97
logo
Advanced Analogic Techn...
AAT2856 ANALOGICTECH-AAT2856_08 Datasheet
404Kb / 18P
   High Current Charge Pump with Dual LDO for Backlight Applications
logo
IXYS Corporation
IXI858 IXYS-IXI858 Datasheet
153Kb / 5P
   Gate Driver with VReg and Charge Pump Regulator
logo
Shenzhenshi YONGFUKANG ...
CS5230E YONGFUKANG-CS5230E Datasheet
2Mb / 10P
   Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com