Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15048 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15048
Description  Evaluation Kit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15048 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15048 Datasheet HTML 1Page - Maxim Integrated Products MAX15048 Datasheet HTML 2Page - Maxim Integrated Products MAX15048 Datasheet HTML 3Page - Maxim Integrated Products MAX15048 Datasheet HTML 4Page - Maxim Integrated Products MAX15048 Datasheet HTML 5Page - Maxim Integrated Products MAX15048 Datasheet HTML 6Page - Maxim Integrated Products MAX15048 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
MAX15049 Evaluation Kit
General Description
The MAX15049 evaluation kit (EV kit) is a fully assembled
and tested PCB that demonstrates the capabilities of
the MAX15049. The MAX15049 is a high-performance,
triple-output synchronous buck controller with sequenc-
ing capability. The EV kit requires a 5V to 16V (12V, typ)
DC input-voltage range for normal operation.
The MAX15049 EV kit outputs are configured for 3.3V,
1.8V, and 1.2V. They provide a load current of 3A, 3A,
and 6A, respectively. The EV kit’s switching frequency
is set to 500kHz, but can be programmed up to 1.2MHz
by replacing a resistor. The EV kit comes configured
for sequencing (MAX15049) and is capable of prebias
startup. The EV kit can also be used to evaluate the
MAX15048 for tracking applications by changing a few
components. The PGOOD logic signal output pad is
provided for circuit monitoring.
The MAX15049 EV kit comes with a MAX15049ETJ+
installed. To evaluate the MAX15048, contact the factory
for samples of the pin-compatible MAX15048ETJ+.
Features
S
Triple-Output Power Supply
VOUT1 (3.3V, 3A)
VOUT2 (1.8V, 3A)
VOUT3 (1.2V, 6A)
S
5.5V to 16V Input-Voltage Operation (Design
Optimized for 12V Input)
S
Optional 4.5V to 5.5V Input-Voltage Operation
S
500kHz Switching Frequency per Converter
S
Programmable Switching Frequency Up to 1.2MHz
S
Sequencing Operation (Tracking Possible with
Component Changes)
S
PGOOD Power Monitoring
S
Small 1.5in x 1in Circuit Footprint
S
92.8% Peak Efficiency for OUT1
S
Fully Assembled and Tested
Ordering Information
Component List
19-5149; Rev 0; 1/10
+Denotes lead(Pb)-free and RoHS compliant.
PART
TYPE
MAX15049EVKIT+
EV Kit
DESIGNATION
QTY
DESCRIPTION
C1, C8, C9,
C18, C19, C38
6
22FF Q20%, 16V X5R ceramic
capacitors (1206)
Murata GRM31CR61C226M
C2
1
1FF Q10%, 16V X5R ceramic
capacitor (0603)
Murata GRM188R61C105K
C5, C7, C15,
C17, C25, C26,
C35
7
0.1FF Q10%, 16V X5R ceramic
capacitors (0402)
Murata GRM155R61A104K
C6, C16
2
10FF Q10%, 16V X5R ceramic
capacitors (0805)
Murata GRM21BR61C106K
C10, C20
2
0.1FF Q10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C104K
C11, C22
2
330pF Q5% 50V C0G ceramic
capacitors (0402)
Murata GRM1555C1H331J
DESIGNATION
QTY
DESCRIPTION
C12, C23, C30
3
22pF Q5%, 50V C0G ceramic
capacitors (0402)
Murata GRM1555C1H220J
C13, C21, C32
3
1500pF Q10%, 50V X7R
ceramic capacitors (0402)
Murata GRM155R71H152K
C14, C24
0
Not installed, ceramic
capacitors (0402)
C27, C28
2
100FF Q20%, 6.3V X5R ceramic
capacitors (1210)
Murata GRM32ER60J107M
C29
1
220pF Q10%, 10V X7R ceramic
capacitor (0402)
Murata GRM155R61A103K
C31
1
680pF Q10%, 50V X7R ceramic
capacitor (0402)
Murata GRM155R71H681K


Similar Part No. - MAX15048

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15048 MAXIM-MAX15048 Datasheet
837Kb / 7P
   Optional 4.5V to 5.5V Input-Voltage Operation
Rev 0; 1/10
More results

Similar Description - MAX15048

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com