Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15500 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15500
Description  Industrial Analog Current/ Voltage-Output Conditioners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15500 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15500_11 Datasheet HTML 1Page - Maxim Integrated Products MAX15500_11 Datasheet HTML 2Page - Maxim Integrated Products MAX15500_11 Datasheet HTML 3Page - Maxim Integrated Products MAX15500_11 Datasheet HTML 4Page - Maxim Integrated Products MAX15500_11 Datasheet HTML 5Page - Maxim Integrated Products MAX15500_11 Datasheet HTML 6Page - Maxim Integrated Products MAX15500_11 Datasheet HTML 7Page - Maxim Integrated Products MAX15500_11 Datasheet HTML 8Page - Maxim Integrated Products MAX15500_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Industrial Analog Current/
Voltage-Output Conditioners
_______________________________________________________________________________________ 5
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +24V, VAVSS = -24V, VDVDD = 5.0V, CLOAD = 1nF, CCOMP = 0nF, VREFIN = 4.096V for the MAX15500, VREFIN = 2.5V for
the MAX15501. All specifications for TA = -40NC to +105NC. Typical values are at TA = +25NC, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Settling Time
(1% Full-Scale Step)
To 0.1% accuracy, load = 1kI in parallel
with 1nF, CCOMP = 0nF
10
F
s
To 0.1% accuracy, load = 1kI in parallel
with 1FF, CCOMP = 4.7nF
300
To 0.01% accuracy, load = 1kI in parallel
with 1nF, CCOMP = 0nF
20
To 0.01% accuracy, load = 1kI in parallel
with 1FF, CCOMP = 4.7nF
600
Gain Error
Tested according to the ideal transfer
functions shown in Table 9
Q
0.1
Q
0.5
%FS
Gain-Error Drift
Q
2
ppm/NC
Full-Scale Output Voltage
VOUT
FSMODE = DVDD
5V range
5.25
V
10V range
10.5
FSMODE = DGND
5V range
6
10V range
12
Offset Error
VAIN = 5% of VREFIN (unipolar mode),
VAIN = 50% of VREFIN (bipolar mode)
Q
0.1
Q
0.5
%FS
Offset-Error Drift
Q
2
ppm/NC
Integral Nonlinearity Error
INL
0.05
%FS
Power-Supply Rejection
PSRR
At DC, VAVDD = +18.5V to +32.5V, VAVSS
= -18.5V to -32.5V, VAIN = VREFIN
30
F
V/V
Output-Voltage Noise
0.1Hz to 10Hz
16.3
F
VRMS
1kHz
250
nV/
√Hz
Output-Voltage Slew Rate
1.5
V/Fs
Short-Circuit Current
20
30
45
mA
Maximum OUT Voltage to
AVDDO
VAVDDO - VOUT
2.0
V
Minimum OUT Voltage to
AVSSO
VOUT - VAVSSO
2.0
V


Similar Part No. - MAX15500_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15500GTJ++ MAXIM-MAX15500GTJ+ Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
More results

Similar Description - MAX15500_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
[Old version datasheet]   Industrial Analog Current or Voltage Output Driver
logo
Analog Devices
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
logo
WAGO Kontakttechnik Gmb...
750-564 WAGO-750-564 Datasheet
527Kb / 10P
   4-channel analog output; Voltage/Current
logo
Grayhill, Inc
73G-OV5 GRAYHILL-73G-OV5 Datasheet
114Kb / 2P
   Analog Voltage and Current Output Modules
logo
Analog Devices
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
logo
Maxim Integrated Produc...
MAX5661 MAXIM-MAX5661 Datasheet
4Mb / 40P
   Single 16-Bit DAC with Current and Voltage Outputs for Industrial Analog Output Modules
Rev 1; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com