Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15501 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX15501
Description  Industrial Analog Current/ Voltage-Output Conditioners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15501 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX15501 Datasheet HTML 7Page - Maxim Integrated Products MAX15501 Datasheet HTML 8Page - Maxim Integrated Products MAX15501 Datasheet HTML 9Page - Maxim Integrated Products MAX15501 Datasheet HTML 10Page - Maxim Integrated Products MAX15501 Datasheet HTML 11Page - Maxim Integrated Products MAX15501 Datasheet HTML 12Page - Maxim Integrated Products MAX15501 Datasheet HTML 13Page - Maxim Integrated Products MAX15501 Datasheet HTML 14Page - Maxim Integrated Products MAX15501 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Industrial Analog Current/
Voltage-Output Conditioners
______________________________________________________________________________________ 11
Typical Operating Characteristics (continued)
(VAVDD = +24V, VDVDD = +5V, VAVSS = -24V, CLOAD = 1nF, 5% overrange mode, unipolar current output or bipolar voltage-output
mode, VREFIN = +4.096V, TA = +25NC, unless otherwise specified.)
CURRENT-MODE OUTPUT
CONDUCTANCE vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
14
12
8
10
4
6
2
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0
16
MAX15500 toc24
VOUT
5V/div
100Fs/div
LARGE-SIGNAL SETTLING TIME
(VOLTAGE MODE, RISING EDGE)
VAIN
5V/div
RL = 1kI
CL = 1nF, CCOMP = 0nF
CL = 470nF, CCOMP = 4.7nF
CL = 47nF, CCOMP = 0nF
0
MAX15500 toc25
VOUT
5V/div
100Fs/div
LARGE-SIGNAL SETTLING TIME
(VOLTAGE MODE, FALLING EDGE)
VAIN
5V/div
RL = 1kI
CL = 1nF, CCOMP = 0nF
CL = 470nF, CCOMP = 4.7nF
CL = 47nF, CCOMP = 0nF
MAX15500 toc26
VOUT
10ms/div
LARGE-SIGNAL SETTLING TIME
(VOLTAGE MODE, RISING EDGE)
VAIN
5V/div
RL = 1kI
CL = 1FF, CCOMP = 4.7nF
CL = 10FF,
CCOMP = 4.7nF
CL = 100FF,
CCOMP = 4.7nF
MAX15500 toc27
VOUT
5V/div
10ms/div
LARGE-SIGNAL SETTLING TIME
(VOLTAGE MODE, RISING EDGE)
VAIN
5V/div
RL = 1kI
CL = 10FF,
CCOMP = 4.7nF
CL = 100FF,
CCOMP = 4.7nF
CL = 1FF, CCOMP = 4.7nF
MAX15500 toc28
IOUT
4mA/div
200Fs/div
LARGE-SIGNAL SETTLING TIME
(CURRENT MODE, RISING EDGE)
VAIN
5V/div
RL = 750I
LL = 220FH, CCOMP = 0nF
LL = 1mH, CCOMP = 1nF
LL = 22FH, CCOMP = 0nF
MAX15500 toc29
IOUT
4mA/div
200Fs/div
LARGE-SIGNAL SETTLING TIME
(CURRENT MODE, FALLING EDGE)
VAIN
5V/div
RL = 750I
LL = 220FH, CCOMP = 0nF
LL = 1mH, CCOMP = 1nF
LL = 22FH, CCOMP = 0nF
LARGE-SIGNAL SETTLING TIME
(CURRENT MODE, RISING EDGE)
MAX15500 toc30
IOUT
4mA/div
20Fs/div
VAIN
5V/div
RL = 20I
LL = 220FH,
CCOMP = 0.47nF
LL = 1mH, CCOMP = 1nF
LL = 22FH, CCOMP = 0.15nF
LARGE-SIGNAL SETTLING TIME
(CURRENT MODE, FALLING EDGE)
MAX15500 toc31
IOUT
4mA/div
20Fs/div
VAIN
RL = 20I
LL = 220FH,
CCOMP = 0.47nF
LL = 1mH, CCOMP = 1nF
LL = 22FH, CCOMP = 0.15nF


Similar Part No. - MAX15501

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15501 MAXIM-MAX15501 Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
MAX15501 MAXIM-MAX15501 Datasheet
710Kb / 15P
   USB-PC Connection (Cable Included)
Rev 0; 8/09
MAX15501EVKIT MAXIM-MAX15501EVKIT Datasheet
710Kb / 15P
   USB-PC Connection (Cable Included)
Rev 0; 8/09
MAX15501GTJ++ MAXIM-MAX15501GTJ+ Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
More results

Similar Description - MAX15501

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
[Old version datasheet]   Industrial Analog Current or Voltage Output Driver
logo
Analog Devices
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
logo
WAGO Kontakttechnik Gmb...
750-564 WAGO-750-564 Datasheet
527Kb / 10P
   4-channel analog output; Voltage/Current
logo
Grayhill, Inc
73G-OV5 GRAYHILL-73G-OV5 Datasheet
114Kb / 2P
   Analog Voltage and Current Output Modules
logo
Analog Devices
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
logo
Maxim Integrated Produc...
MAX5661 MAXIM-MAX5661 Datasheet
4Mb / 40P
   Single 16-Bit DAC with Current and Voltage Outputs for Industrial Analog Output Modules
Rev 1; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com