Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5200 Datasheet(PDF) 5 Page - Sanken electric

Part # LC5200
Description  LED Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5200 Datasheet(HTML) 5 Page - Sanken electric

  LC5200 Datasheet HTML 1Page - Sanken electric LC5200 Datasheet HTML 2Page - Sanken electric LC5200 Datasheet HTML 3Page - Sanken electric LC5200 Datasheet HTML 4Page - Sanken electric LC5200 Datasheet HTML 5Page - Sanken electric LC5200 Datasheet HTML 6Page - Sanken electric LC5200 Datasheet HTML 7Page - Sanken electric LC5200 Datasheet HTML 8Page - Sanken electric LC5200 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
48102.002
LED Drivers
LC5200 Series
Application Information
Typical Application Example
A typical application circuit is shown in figure 1. The values of
the external components are shown in the adjacent table.
Component Value Setting
LED
LED current should not exceed the LC5200 device current
ratings. Set the total voltage drop across the LED string to be
less than VBB; otherwise, the LED string turns off. As a general
design rule, the PWM off-time should be longer if there is a small
drop in voltage across the LED string, and it should be shorter
if there is a high drop in voltage across the LED string. For the
LC5205D, a 9 to 30 V drop across the LED string is recom-
mended for proper operation.
LC5200
VBB
OUT
Sen
GND
Reg
Toff
Ref
R1
R2
ROff
COff
C1
RS
LED
Di
CO
L
Line
Filter
Input
Referenced Typical Application Components
Symbol
Components
Values / Ratings
Descriptions
C0
Electrolytic capacitor
≈100 μF / 450 V
Main supply source voltage rectifying capacitor
Note: ≤ 1 μF can be used
C1
Capacitor
0.1 μF / 25 V
The internal regulator output capacitor
COff
Capacitor
100 pF / 25 V
PWM off-time adjusting capacitor
Di
Diode
RL3A
High voltage, ultrafast rectifying, current recirculation diode
L
Coil
1 mH / 1 A
PWMing choke coil
LED
LEDs
―――
LED load
R1
Resistor
680 kΩ / 1/8 W
Reference pin voltage setup resistor
R2
Resistor
20 kΩ / 1/8 W
Reference pin voltage setup resistor
ROff
Resistor
620 kΩ / 1/8 W
PWM off-time adjusting resistor
RS
Resistor
1.0 Ω / 1 W
Output current sensing resistor
Figure 1. Typical application circuit


Similar Part No. - LC5200

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
LC5200 ALLEGRO-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
93Kb / 2P
   LED Driver ICs
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
   LED Driver ICs
More results

Similar Description - LC5200

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
   LED Drivers
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
   LED Drivers
logo
Allegro MicroSystems
LC5200 ALLEGRO-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450_04 Datasheet
260Kb / 12P
   LED DISPLAY DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com