Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX44009 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX44009
Description  Industry?셲 Lowest-Power Ambient Light Sensor with ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44009 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX44009 Datasheet HTML 1Page - Maxim Integrated Products MAX44009 Datasheet HTML 2Page - Maxim Integrated Products MAX44009 Datasheet HTML 3Page - Maxim Integrated Products MAX44009 Datasheet HTML 4Page - Maxim Integrated Products MAX44009 Datasheet HTML 5Page - Maxim Integrated Products MAX44009 Datasheet HTML 6Page - Maxim Integrated Products MAX44009 Datasheet HTML 7Page - Maxim Integrated Products MAX44009 Datasheet HTML 8Page - Maxim Integrated Products MAX44009 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Industry’s Lowest-Power
Ambient Light Sensor with ADC
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
INT to GND............................................... -0.3V to (VCC + 0.3V)
All Other Pins to GND .............................................-0.3V to +4V
INT Short-Circuit Current Duration ........................................ 10s
All Other Pins Short-Circuit Current Duration............Continuous
Continuous Input Current into Any Terminal................... Q20mA
Continuous Power Dissipation
6 UTDFN-Opto (derate 11.9mW/NC above +70NC).....953mW
Operating Temperature Range.......................... -40NC to +85NC
ELECTRICAL CHARACTERISTICS
(VCC = 1.8V, TMIN to TMAX = -40NC to +85NC, unless otherwise noted.) (Note 1)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OPTICAL CHARACTERISTICS
Maximum Lux Sensitivity
Fluorescent light
0.045
Lux/LSB
Saturation Ambient Lux Level
Sunlight
188,000
Lux
Total Error
TE
Green LED 538nm response,
TA = +25NC (Note 2)
15
%
Light Source Matching
Fluorescent/incandescent light
10
%
Infrared Transmittance at 940nm
IRR
TA = +25NC (Note 3)
0
0.5
%
Ultraviolet Transmittance at
363nm
UVR
TA = +25NC (Note 3)
1.2
%
Dark Level Count
0LUX
0 lux, TA = +25NC, 800ms range
0
0.045
Lux
Maximum Signal Integration
Time
Has 50/60Hz rejection
800
ms
Minimum Signal Integration Time
Automatic mode, has 50/60Hz rejection
100
ms
Manual mode only
6.25
ADC Conversion Time
ACT
100ms range, TA = +25NC
99.6
100
100.4
ms
100ms range
97
103
107
POWER SUPPLY
Power-Supply Voltage
VCC
Guaranteed by TE test
1.7
3.6
V
Power-Supply Current
ICC
TA = +25NC, 90 lux, I2C inputs inactive
0.65
1.2
F
A
TA = -40NC to +85NC
1.6
DIGITAL I/O CHARACTERISTICS
Output Low Voltage SDA, INT
VOL
ISINK = 6mA
0.06
0.4
V
INT Leakage Current
TA = +25NC
0.01
20
nA
SCL, SDA, A0 Input Current
IIH, IIL
TA = +25NC
0.01
20
nA
I2C Input Low Voltage
VIL_I2C
SDA, SCL
0.3 x
VCC
V
I2C Input High Voltage
VIH_I2C
SDA, SCL
0.7 x
VCC
V
Address Input Low Voltage
VIL_A0
A0
0.3
V
Address Input High Voltage
VIH_A0
A0
VCC -
0.3V
V
Input Capacitance
3
pF


Similar Part No. - MAX44009

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44009 MAXIM-MAX44009 Datasheet
976Kb / 10P
   MAX44009 Evaluation Kit
Rev 0; 3/11
MAX44009EVKIT MAXIM-MAX44009EVKIT Datasheet
976Kb / 10P
   MAX44009 Evaluation Kit
Rev 0; 3/11
More results

Similar Description - MAX44009

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9635 MAXIM-MAX9635 Datasheet
219Kb / 1P
   Industry?셲 Lowest-Power Ambient Light Sensor with ADC
Rev 0; 8/10
MAX9635 MAXIM-MAX9635_11 Datasheet
1Mb / 20P
   Industry’s Lowest-Power Ambient Light Sensor with ADC
Rev 1; 2/11
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com