Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX98303 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX98303
Description  Evaluation Kit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98303 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX98303 Datasheet HTML 1Page - Maxim Integrated Products MAX98303 Datasheet HTML 2Page - Maxim Integrated Products MAX98303 Datasheet HTML 3Page - Maxim Integrated Products MAX98303 Datasheet HTML 4Page - Maxim Integrated Products MAX98303 Datasheet HTML 5Page - Maxim Integrated Products MAX98303 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAX98303 Evaluation Kit
________________________________________________________________________________________ _ 3
Table_2._JU2_Jumper_Selection_(SHDN)
Table_3._JU3_Jumper_Selection_(GAIN)
*Default position.
*Default position.
Shutdown Input (SHDN)
The EV kit features 3-pin jumper JU2 to control the
active-low shutdown input. Drive SHDN high to place the
device in normal operation; drive SHDN low to place the
device in the low-power shutdown mode. See Table 2 for
shunt positions.
Selectable Gain (GAIN)
The EV kit features 5-pin jumper JU3 to control the
device’s five programmable gain settings. See Table 3
for gain-control configuration.
SHUNT_
POSITION
SHDN_PIN
DEVICE_
OPERATION
1-2*
Connected to PVDD
Normal operation
2-3
Connected to GND
Shutdown mode
SHUNT_
POSITION
GAIN_PIN
MAXIMUM_
GAIN_(dB)
1-2
Connected to PVDD through
100kI resistor R1
9
1-3*
Connected to PVDD
12
1-4
Connected to GND through
100kI resistor R2
15
1-5
Connected to GND
18
Not
installed
Unconnected
6


Similar Part No. - MAX98303

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98303 MAXIM-MAX98303 Datasheet
989Kb / 6P
   2.6V to 5.5V Single-Supply Operation
19-5599; Rev 0; 10/10
MAX98303EVKIT MAXIM-MAX98303EVKIT Datasheet
989Kb / 6P
   2.6V to 5.5V Single-Supply Operation
19-5599; Rev 0; 10/10
MAX98303EVKIT++ MAXIM-MAX98303EVKIT+ Datasheet
989Kb / 6P
   2.6V to 5.5V Single-Supply Operation
19-5599; Rev 0; 10/10
More results

Similar Description - MAX98303

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com