Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXB7843EUE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MXB7843EUE
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7843EUE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MXB7843EUE Datasheet HTML 7Page - Maxim Integrated Products MXB7843EUE Datasheet HTML 8Page - Maxim Integrated Products MXB7843EUE Datasheet HTML 9Page - Maxim Integrated Products MXB7843EUE Datasheet HTML 10Page - Maxim Integrated Products MXB7843EUE Datasheet HTML 11Page - Maxim Integrated Products MXB7843EUE Datasheet HTML 12Page - Maxim Integrated Products MXB7843EUE Datasheet HTML 13Page - Maxim Integrated Products MXB7843EUE Datasheet HTML 14Page - Maxim Integrated Products MXB7843EUE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
2.375V to 5.25V, 4-Wire Touch-Screen
Controller
______________________________________________________________________________________
11
VDD
PENIRQ
REF
A2–A0
(SHOWN 001B)
SER/DFR
(SHOWN HIGH)
GND
X+
X-
Y+
Y-
CONVERTER
IN3
IN4
+REF
-REF
+IN
-IN
Figure 2. Equivalent Input Circuit
REF
VDD
GND
Y+
Y-
X+
REF+
REF-
+IN
-IN
12-BIT ADC
Figure 3. Single-Ended Y-Coordinate Measurement
VDD
GND
Y+
Y-
X+
REF+
REF-
+IN
-IN
12-BIT ADC
Figure 4. Ratiometric Y-Coordinate Measurement


Similar Part No. - MXB7843EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXB7843EUE MAXIM-MXB7843EUE Datasheet
508Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
More results

Similar Description - MXB7843EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXB7843 MAXIM-MXB7843 Datasheet
508Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
MXB7846 MAXIM-MXB7846 Datasheet
967Kb / 23P
   2.375V to 5.25V, 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor
Rev 1; 5/04
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com