Electronic Components Datasheet Search |
|
BZT52C15 Datasheet(PDF) 2 Page - Diotec Semiconductor |
|
BZT52C15 Datasheet(HTML) 2 Page - Diotec Semiconductor |
2 / 2 page BZT52C2V4 ... BZT52C75 (500 mW) Maximum ratings Grenzwerte Type Typ Z-voltage range 1) Z-Spanngs.-Bereich 1) IZT = 5mA Dynamic resistance Diff. Widerstand Temp. Coeffic. of Z-voltage …der Z-Spannung Reverse volt. Sperrspanng. IR = 100 nA Z-current 2) Z-Strom 2) TA = 25°C VZ min [V] VZ max [V] ZZK [Ω] IZK [mA] αVZ [10-4 /°C] VR [V] IZmax [mA] BZT52C2V4 2.2 2.6 < 100 5 -9...-6 1 (<120 µA) 192 BZT52C2V7 2.5 2.9 < 110 5 -9...-6 1 (<120 µA) 172 BZT52C3V0 2.8 3.2 < 120 5 -8...-5 1 (<50 µA) 156 BZT52C3V3 3.1 3.5 < 130 5 -8...-5 1 (<20 µA) 143 BZT52C3V6 3.4 3.8 < 130 5 -8...-5 1 (<10 µA) 132 BZT52C3V9 3.6 4.2 < 130 5 -8...-5 1 (<5 µA) 119 BZT52C4V3 4.0 4.6 < 130 5 -6...-3 1 (<5 µA) 109 BZT52C4V7 4.4 5.0 < 130 5 -5...+2 1 (<2 µA) 100 BZT52C5V1 4.8 5.4 < 130 5 -2...+2 1.5 (<2 µA) 93 BZT52C5V6 5.2 6.0 < 80 5 -5...+5 2.5 (<1 µA) 83 BZT52C6V2 5.8 6.6 < 50 5 -3...+6 3 (<1 µA) 76 BZT52C6V8 6.4 7.2 < 30 5 +3...+7 3.5 (<0.5 µA) 69 BZT52C7V5 7.0 7.9 < 30 5 +3...+7 4 (<0.5 µA) 63 BZT52C8V2 7.7 8.7 < 30 5 +8...+7 5 (<0.5 µA) 57 BZT52C9V1 8.5 9.6 < 30 5 +3...+9 6 (<0.5 µA) 0 BZT52C10 9.4 10.6 < 30 5 +3...+10 7 0 BZT52C11 10.4 11.6 < 30 5 +3...+11 8 0 BZT52C12 11.4 12.7 < 35 5 +3...+11 9 0 BZT52C13 12.4 14.1 < 35 5 +3...+11 10 0 BZT52C15 13.8 15.6 < 40 5 +3...+11 11 0 BZT52C16 15.3 17.1 < 40 5 +3...+11 12 0 BZT52C18 16.8 19.1 < 45 5 +3...+11 13 0 BZT52C20 18.8 21.2 < 50 5 +3...+11 15 0 BZT52C22 20.8 23.3 < 55 5 +4...+12 17 0 BZT52C24 22.8 25.6 < 60 5 +4...+12 19 0 BZT52C27 25.1 28.9 < 70 2 +4...+12 21 0 BZT52C30 28 32 < 80 2 +4...+12 23 16 BZT52C33 31 35 < 80 2 +4...+12 25 14 BZT52C36 34 38 < 90 2 +4...+12 27 13 IZT = 2.5 mA BZT52C39 37 41 <100 2 +4...+12 30 (< 2 µA) 12 BZT52C43 40 46 <130 2 +4...+12 33 (< 2 µA) 11 BZT52C47 44 50 <150 2 +4...+12 36 (< 2 µA) 10 BZT52C51 48 54 <180 2 +4...+12 39 (< 1 µA) 9 BZT52C56 52 60 <180 2 +4...+12 43 (< 1 µA) 8 BZT52C62 58 66 <200 2 +4...+12 47 (<0.2 µA) 8 BZT52C68 64 72 <250 2 +4...+12 52 (<0.2 µA) 7 BZT52C75 70 79 <300 2 +4...+12 57 (<0.2 µA) 6 1 Tested with pulses (20 ms) – Gemessen mit Impulsen (20 ms) 2 Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad an jedem Anschluss) 2 http://www.diotec.com/ © Diotec Semiconductor AG |
Similar Part No. - BZT52C15 |
|
Similar Description - BZT52C15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |