Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPF5007 Datasheet(PDF) 1 Page - Sanken electric

Part # SPF5007
Description  High-side Power Switch ICs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SPF5007 Datasheet(HTML) 1 Page - Sanken electric

  SPF5007 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Unit
Conditions
Ratings
Absolute Maximum Ratings
Electrical Characteristics
Parameter
Symbol
min
typ
max
Unit
Conditions
Ratings
(Ta=25ºC)
Power supply voltage
Input terminal voltage
Input terminal current
DG terminal voltage
Input threshold
voltage
Inpup current
Operating power supply voltage
Quiescent circuit current
Thermal shutdown operating temperature
Load open detection threshold voltage
DG leak current
Low level DG output voltage
Output transfer time
DG output transfer time
(VB=14V, Ta=25ºC unless otherwise specified)
Output ON resistance
Channel temperature
Operating temperature
Storage temperature
VB
VIN
IIN
VB (opr)
VIN=0V, VOUT=0V
IO=1A
IO=1A, Ta=80ºC
Ta= –40 to +105ºC
Ta= –40 to +105ºC
VIN=5V
VIN=0V
VOUT=VO–1.5V
VOUT=0V
RL=14
Ω, VOUT=VB–5V
RL=14
Ω, VB •10%
VDG=5.5V
IDG=1.6mA
V
50
2.0
1.8
70
1
5.5
35
mA
200
m
350
m
3.0
V
V
200
12
µA
165
5
3
4.5
70
3
140
35
0.15
70
45
90
20
0.5
140
120
µA
155
1.5
ºC
A
V
µs
µs
µA
V
µs
Iq
Output leak current
VOUT=0V
1.4
1.0
100
µA
IO, leak
RDS (ON)
VIHth
VILth
IIH
IIL
TTSD
Overcurrent protection starting current
Internal current limit
1.9
A
IS
ILim
Vopen
TON
TOFF
VDGL
IDG
TPLH
TPHL
µs
VDG
VDS
IO
PD
IF
Tch
TOP
Tstg
Output ON
Output OFF
Output ON
Output OFF
V
V
Ta=25ºC, all circuit operating
mA
V
V
A
W
A
ºC
ºC
ºC
35
–0.3 to 7
5
–0.3 to 7
DG terminal current
Drain to source voltage
Output current
Power dissipation
Source to drain Di forward current
IDG
mA
5
VB–45
1.8
2.7
0.8
150
–40 to +105
–40 to +150
Parameter
Unit
Ratings
Recommended Operating Conditions (for one channel)
Power supply voltage
VIH
VIL
IO
RIN
RDG
5.5
4
–0.3
10
10
16
5.5
0.9
1
20
20
V
V
V
A
k
k
External Dimensions (unit: mm)
Features
● Built-in diagnostic function to detect short and open circuiting of loads and
output status signals
● DMOS 3ch output
● Allows ON/OFF using C-MOS logic level
● Built-in overcurrent and thermal protection circuits
44
High-side Power Switch ICs [With Diagnostic Function, Surface-mount 3-circuits] SPF5007
min
max
Block Diagram (for one channel)
Standard Connection Diagram
Timing Chart
IN
DG
VB
GND
OUT
Thermal
Protect
Input
Logic
Lavel
Shifting
DG
Logic
Open/Short
Sense
Charge
Pump
Current
Limit
Clamp
Chopper
Bias
IN2
IN3
IN1
GND1
2
13 VB
1
717
18
38
5,6
10,11
20,21
4
5V
9
19
GND2
GND3
C
P
U
SPF5007
RDG
DG1
OUT1
OUT2
OUT3
DG2
DG3
RDG
RDG
RIN
RIN
RIN
* RIN and RDG are needed to protect CPU and SPF5007 in case of reverse
connection of VB terminal.
* Make VB of 1Pin and 13Pin short from the fin to be plated by solder.
1.0
+0.1
–0.05
0.25
+0.15
–0.05
Fin
thickness
17.28±0.2
15.58±0.2
1.27±0.25
24
112
13
0.4
+0.15
–0.05
a
b
a: Part No.
b: Lot No.
VB
VIN ON
VIN OFF
VO open
OCP
TSD
Normal
Normal
Over-
heat
Normal
Normal
Normal
Shorted load
Open load
High inpidance
Internal current limit
TSDON
TSDOFF
VIN
VOUT
IOUT
DG
VIN
DG
Open load
Normal
Mode
Shorted load
Overheat
H
L
VO
H
L
H
L
H
L
H
H
H
H
H
L
L
L
L
L
(Limiting)
H
L
L
L
L
L


Similar Part No. - SPF5007

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF5001 SANKEN-SPF5001 Datasheet
31Kb / 2P
   Surface-mount 4-circuit Low-side Switch Array
SPF5002 SANKEN-SPF5002 Datasheet
21Kb / 1P
   Surface-mount 4-circuit Low-side Switch Array
SPF5002A SANKEN-SPF5002A Datasheet
52Kb / 2P
   Low-side Switch ICs
SPF5003 SANKEN-SPF5003 Datasheet
43Kb / 1P
   High-side Power Switch ICs [Surface-mount 2-circuits]
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
More results

Similar Description - SPF5007

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
   High-side Power Switch ICs
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com