Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S21MD3V Datasheet(PDF) 3 Page - Sharp Corporation

Part # S21MD3V
Description  High Noise Resistance Type Phototriac Coupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S21MD3V Datasheet(HTML) 3 Page - Sharp Corporation

  S21MD3V Datasheet HTML 1Page - Sharp Corporation S21MD3V Datasheet HTML 2Page - Sharp Corporation S21MD3V Datasheet HTML 3Page - Sharp Corporation S21MD3V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S21MD3V
- 30
0.7
0
20406080
100
0.8
0.9
1.0
1.1
1.2
1.3
Fig. 5 Relative Repetitive Peak OFF-state
Voltage vs. Ambient Temperature
1.4
1.5
- 30
0
20
100
1.6
1.7
1.8
1.9
2.0
40
60
80
Fig. 6 ON-state Voltage vs.
Ambient Temperature
Ambient temperature T a (˚C)
IT = 100mA
- 30
100
0.1
0.2
0.5
1
2
5
10
80
60
40
20
0
Ambient temperature T a (˚C)
Fig. 7 Holding Current vs.
Ambient Temperature
V D =6V
5
100
200
300
400
500
600
2
Fig. 8 Repetitive Peak OFF-state Current vs
OFF-state Voltage
D ( V )
T a = 25˚C
-30
0
100
2
5
2
5
2
5
2
20
40
60
80
Ambient Temperature
Fig. 9 Repetitive Peak OFF-state Current vs.
Ambient temperature T a (˚C)
V
= Rated
5
100
10
50
100
20
20
50
Fig.10 Turn-on Time vs. Forward Current
F ( mA )
Ambient temperature T a (˚C)
V D =6V
R L = 100Ω
T a = 25˚C
10-7
10-8
10-5
10-6
10-7
10-8
10-9
DRM
OFF-state voltage V
Forward current I
200
5
2


Similar Part No. - S21MD3V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S21MD3TV SHARP-S21MD3TV Datasheet
64Kb / 5P
   High Noise-resistance Type Phototriac Coupler
More results

Similar Description - S21MD3V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S11MD5T SHARP-S11MD5T Datasheet
64Kb / 5P
   High Noise-resistance Type Phototriac Coupler
S11MS7 SHARP-S11MS7 Datasheet
41Kb / 3P
   High Speed/ High Noise-resistance Type Phototriac Coupler
S21MD4V SHARP-S21MD4V Datasheet
48Kb / 4P
   Built-in Zero-cross Circuit, High Noise Resistance Type Phototriac Coupler
S21MD10T SHARP-S21MD10T Datasheet
48Kb / 4P
   High Speed, High Sensitivity Type Phototriac Coupler
S2S3 SHARP-S2S3 Datasheet
28Kb / 2P
   Mini-Flat Type Phototriac Coupler
S11MD5V SHARP-S11MD5V Datasheet
44Kb / 3P
   Mini-flat Type Phototriac Coupler
PC3SD11YTZDF SHARP-PC3SD11YTZDF Datasheet
27Kb / 1P
   Low Input Drive Type Phototriac Coupler
S11MD7T SHARP-S11MD7T Datasheet
62Kb / 5P
   Low Input Driving Type Phototriac Coupler
PC812 SHARP-PC812 Datasheet
67Kb / 4P
   High Noise Resistance Type Photocoupler
PC812C SHARP-PC812C Datasheet
70Kb / 4P
   High Noise Resistance Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com