Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT1210 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CMT1210
Description  Magnetic Transducer (AC)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CMT1210 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CMT1210 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CMT1209A2048NP
CMT1209E2200NP
CMT1209H2048NP
1 ~ 2
6 ~ 15
1 ~ 3
6 ~ 15
3 ~ 8
3 ~ 8
4 ~ 8
3 ~ 8
1.5
12
12
70
40
40
40
40
40
40
70
6.5
1
±
6.5
1
±
140
14
±
140
14
±
47
5
±
47
5
±
50
5
±
75 at 10cm
75 at 10cm
85 at 10cm
85 at 10cm
2048
2200
2048
2400
2400
2400
2048
2200
-20 ~ +60
-20 ~ +60
-20 ~ +60
-20 ~ +60
-25 ~ +70
-40 ~ +85
-40 ~ +85
-40 ~ +85
Noryl
Noryl
Noryl
CMT1209A2400NP
CMT1209E2400NP
CMT1209H2400NP
1.5
5
5
5
6
Noryl
Noryl
Noryl
2
2
2
2
2
2
CMT1209E2048NP
CMT1209F2200NP
85 at 10cm
85 at 10cm
85 at 10cm
85 at 10cm
Noryl
Noryl
2
2
Canopus Part no.
Voltage
(V)
Voltage
(V)
Current
(mA)
Resistance
(
Ω)
Output
(dBA)
Frequency
(Hz)
Tempature
( C)
o
Housing Weight
(g)
Operating
Rated
Max Rated
Coil
Min Sound
Resonant
Operating
47
5
±
CMT1208
Magnetic
Transducer (AC)
Operating
CMT1213
CMT1209
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CMT1210
CMT1210A2200TP
0.8 ~ 2.5
1.5
100
3.5
1
±
16
4.5
±
80 at 10cm
85 at 10cm
2200
2400
-20 ~ +70
-40 ~ +85
PBT
PBT
PBT
PBT
2
CMT1210A2400TP
1.5
30
2
1 ~ 2
3 ~ 8
2800
2400
-20 ~ +70
-40 ~ +85
1.5
5
CMT1210A2800TP
CMT1210E2400TP
30
50
16
4.5
±
40
5
±
85 at 10cm
85 at 10cm
2
2
1 ~ 3
Canopus Part no.
Voltage
(V)
Voltage
(V)
Current
(mA)
Resistance
(
Ω)
Output
(dBA)
Frequency
(Hz)
Tempature
( C)
o
Housing Weight
(g)
Operating
Rated
Max Rated
Coil
Min Sound
Resonant
Operating
Noryl
CMT1213A2048NP
1 ~ 2
1.5
30
16
4.5
±
80 at 10cm
2048
-20 ~ +60
2
Canopus Part no.
Operating
Voltage
(V)
Rated
Voltage
(V)
Max Rated
Current
(mA)
Coil
Resistance
(
Ω)
Min Sound
Output
(dBA)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)


Similar Part No. - CMT1210

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMT1204 CANOPUS-CMT1204 Datasheet
873Kb / 1P
   Magnetic Transducer (AC)
CMT1204A2048NP CANOPUS-CMT1204A2048NP Datasheet
873Kb / 1P
   Magnetic Transducer (AC)
CMT1204A2400NP CANOPUS-CMT1204A2400NP Datasheet
873Kb / 1P
   Magnetic Transducer (AC)
CMT1205 CANOPUS-CMT1205 Datasheet
873Kb / 1P
   Magnetic Transducer (AC)
CMT1205A2048NP-16R CANOPUS-CMT1205A2048NP-16R Datasheet
873Kb / 1P
   Magnetic Transducer (AC)
More results

Similar Description - CMT1210

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMT1206-X CANOPUS-CMT1206-X Datasheet
871Kb / 1P
   Magnetic Transducer (AC)
CMT1204 CANOPUS-CMT1204 Datasheet
873Kb / 1P
   Magnetic Transducer (AC)
CMT2512 CANOPUS-CMT2512 Datasheet
413Kb / 1P
   Magnetic Transducer (AC)
CMT0704 CANOPUS-CMT0704 Datasheet
791Kb / 1P
   Magnetic Transducer (AC)
CMT1614-T CANOPUS-CMT1614-T Datasheet
862Kb / 1P
   Magnetic Transducer (AC)
CMT0905 CANOPUS-CMT0905 Datasheet
908Kb / 1P
   Magnetic Transducer (AC)
CMT1405 CANOPUS-CMT1405 Datasheet
802Kb / 1P
   Magnetic Transducer (AC)
CSMT1002-X CANOPUS-CSMT1002-X Datasheet
1Mb / 1P
   SMD Magnetic Transducer (AC)
CSMT0502 CANOPUS-CSMT0502 Datasheet
800Kb / 1P
   SMD Magnetic Transducer (AC)
CSMT0803-SS CANOPUS-CSMT0803-SS Datasheet
1Mb / 1P
   SMD Magnetic Transducer (AC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com