Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAL1B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # EAL1B
Description  Superfast Switching Surface Mount Controlled Avalanche Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

EAL1B Datasheet(HTML) 2 Page - Diotec Semiconductor

  EAL1B Datasheet HTML 1Page - Diotec Semiconductor EAL1B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EAL1A ... EAL1M
Characteristics
Kennwerte
Type
Typ
Reverse recovery time
Sperrverzugszeit
Forward voltage
Durchlass-Spannung
Tj = 25°C
trr [ns] 1)
VF [V]
at / bei
IF [A]
EAL1A ... EAL1D
< 50
< 1.25
1
EAL1G
< 50
< 1.35
1
EAL1J ... EAL1M
< 75
< 1.8
1
Leakage current
Sperrstrom
Tj = 25°C
Tj = 125°C
VR = VRRM
VR = VRRM
IR
IR
< 3 µA
< 50 µA
Non-repetitive peak reverse avalanche energy
Einmalige Impulsenergie in Sperr-Richtung
IRSM = 1 mA
TA = 25°C
ERSM
20 mJ
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 75 K/W 2)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht − Anschluss
RthT
< 40 K/W
1
IF = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
2
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
EGL1A...D
EGL1G
EGL1J...M
T = 25°C
j
10
1
10
10
10
-1
-2
-3
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
EGL1A...EGL1G
EGL1J...EGL1M


Similar Part No. - EAL1B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
EAL1B DIOTEC-EAL1B Datasheet
134Kb / 2P
   Controlled Avalanche Superfast Recovery SMD Rectifier Diodes
EAL1B DIOTEC-EAL1B Datasheet
139Kb / 2P
   Superfast Avalanche SMD Rectifier Diodes
More results

Similar Description - EAL1B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
EAL1A DIOTEC-EAL1A_15 Datasheet
134Kb / 2P
   Controlled Avalanche Superfast Recovery SMD Rectifier Diodes
ES2A DIOTEC-ES2A Datasheet
119Kb / 2P
   Superfast Switching Surface Mount Silicon Rectifier Diodes
logo
DIOTEC Electronics Corp...
ER1A DEC-ER1A_11 Datasheet
103Kb / 2P
   Superfast Switching Surface Mount Silicon Rectifier Diodes
logo
Diotec Semiconductor
ER2A DIOTEC-ER2A_10 Datasheet
103Kb / 2P
   Superfast Switching Surface Mount Silicon Rectifier Diodes
SFE1A DIOTEC-SFE1A_15 Datasheet
176Kb / 2P
   Superfast Switching Surface Mount Silicon Rectifier Diodes
ER1A DIOTEC-ER1A_13 Datasheet
100Kb / 2P
   Superfast Switching Surface Mount Silicon Rectifier Diodes
ER3A DIOTEC-ER3A_13 Datasheet
100Kb / 2P
   Superfast Switching Surface Mount Silicon Rectifier Diodes
ES3A DIOTEC-ES3A Datasheet
119Kb / 2P
   Superfast Switching Surface Mount Silicon Rectifier Diodes
EAL1A DIOTEC-EAL1A_17 Datasheet
139Kb / 2P
   Superfast Avalanche SMD Rectifier Diodes
EAL1A DIOTEC-EAL1A_18 Datasheet
140Kb / 2P
   Superfast Avalanche SMD Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com