Electronic Components Datasheet Search |
|
HV5 Datasheet(PDF) 1 Page - Diotec Semiconductor |
|
HV5 Datasheet(HTML) 1 Page - Diotec Semiconductor |
1 / 2 page HV3 ... HV6 HV3 ... HV6 Fast Switching High Voltage Silicon Rectifier Diodes Schnelle Silizium-Hochspannungs-Gleichrichterdioden Version 2008-04-09 HV3 HV5, HV6 Dimensions - Maße [mm] Nominal current Nennstrom 200 mA Repetitive peak reverse voltage Periodische Spitzensperrspannung 3000...6000 V Plastic case HV3 Kunststoffgehäuse HV5, HV6 DO-41 DO-15 Weight approx. Gewicht ca. 0.4 g Plastic material has UL classification 94V-0 Gehäusematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack Maximum ratings Grenzwerte Type Typ Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] Surge peak reverse voltage Stoßspitzensperrspannung VRSM [V] HV3 3000 3000 HV5 5000 5000 HV6 6000 6000 Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last TA = 50°C IFAV 200 mA 1) Repetitive peak forward current Periodischer Spitzenstrom f > 15 Hz IFRM 5 A 1) Peak forward surge current, 50/60 Hz half sine-wave Stoßstrom für eine 50/60 Hz Sinus-Halbwelle TA = 25°C IFSM 27/30 A Rating for fusing – Grenzlastintegral, t < 10 ms TA = 25°C i2t 3.5 A2s Junction temperature – Sperrschichttemperatur Storage temperature – Lagerungstemperatur Tj TS -50...+150°C -50...+150°C 1 Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden © Diotec Semiconductor AG http://www.diotec.com/ 1 Ø 0.8 ±0.05 Ø 3+0.5 Ø 0.8±0.05 Ø 2.6 -0.1 |
Similar Part No. - HV5 |
|
Similar Description - HV5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |