Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC130 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC130
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC130 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC130 Datasheet HTML 1Page - Hittite Microwave Corporation HMC130 Datasheet HTML 2Page - Hittite Microwave Corporation HMC130 Datasheet HTML 3Page - Hittite Microwave Corporation HMC130 Datasheet HTML 4Page - Hittite Microwave Corporation HMC130 Datasheet HTML 5Page - Hittite Microwave Corporation HMC130 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4
4 - 18
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1RF
This pin is DC coupled
and matched to 50 Ohms.
2LO
This pin is DC coupled
and matched to 50 Ohms.
3IF
This pin is DC coupled. For applications not requiring oper-
ation to DC, this port should be DC blocked externally using
a series capacitor whose value has been chosen to pass
the necessary IF frequency range. For operation to DC this
pin must not source or sink more than 2mA of current or die
non-function and possible die failure will result.
GND
The backside of the die must connect to RF ground.
Pad Descriptions
HMC130
v04.1007
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 11 GHz


Similar Part No. - HMC130

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130 Datasheet
180Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC130 HITTITE-HMC130 Datasheet
181Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
logo
Micross Components
HMC130 MICROSS-HMC130 Datasheet
842Kb / 9P
   Die handling consultancy
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
More results

Similar Description - HMC130

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC130 HITTITE-HMC130 Datasheet
180Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
logo
Tyco Electronics
MA4EX1201-1300T MACOM-MA4EX1201-1300T Datasheet
332Kb / 3P
   GaAs MMIC Double Balanced 11-15 GHz Mixer
logo
Hittite Microwave Corpo...
HMC144LH5 HITTITE-HMC144LH5 Datasheet
263Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC144LH5 HITTITE-HMC144LH5_08 Datasheet
195Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC144LC4 HITTITE-HMC144LC4_09 Datasheet
201Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC141 HITTITE-HMC141 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC144LC4 HITTITE-HMC144LC4 Datasheet
281Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com