Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC135 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC135
Description  GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC135 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC135 Datasheet HTML 1Page - Hittite Microwave Corporation HMC135 Datasheet HTML 2Page - Hittite Microwave Corporation HMC135 Datasheet HTML 3Page - Hittite Microwave Corporation HMC135 Datasheet HTML 4Page - Hittite Microwave Corporation HMC135 Datasheet HTML 5Page - Hittite Microwave Corporation HMC135 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5
5 - 5
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM].
2. TYPICAL BOND PAD IS .004” SQUARE.
3. BOND PAD SPACING IS .006” CENTER TO CENTER.
4. BACKSIDE METALIZATION: GOLD.
5. BACKSIDE METAL IS GROUND.
6. BOND PAD METALIZATION: GOLD.
7. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
Die Packaging Information [1]
Standard
Alternate
WP-3 (Waffle Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC135
v04.0909
GaAs MMIC BI-PHASE
MODULATOR, 1.8 - 5.2 GHz


Similar Part No. - HMC135

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC135 HITTITE-HMC135 Datasheet
122Kb / 4P
   GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC135 HITTITE-HMC135 Datasheet
452Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
logo
Micross Components
HMC135 MICROSS-HMC135 Datasheet
1Mb / 9P
   Chip Integrates Directly into MIC Designs
logo
Hittite Microwave Corpo...
HMC135 HITTITE-HMC135_07 Datasheet
452Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
More results

Similar Description - HMC135

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC135 HITTITE-HMC135_07 Datasheet
452Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC135 HITTITE-HMC135 Datasheet
122Kb / 4P
   GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC136 HITTITE-HMC136_07 Datasheet
450Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
HMC136 HITTITE-HMC136_09 Datasheet
450Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
HMC137 HITTITE-HMC137_09 Datasheet
458Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
HMC137 HITTITE-HMC137_07 Datasheet
458Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
HMC136 HITTITE-HMC136 Datasheet
115Kb / 4P
   GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
HMC137 HITTITE-HMC137 Datasheet
126Kb / 4P
   GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
logo
List of Unclassifed Man...
DPMB9058 ETC1-DPMB9058 Datasheet
31Kb / 1P
   GaAs Bi-Phase Modulator
DBP0738 ETC1-DBP0738 Datasheet
27Kb / 1P
   GaAs Bi-Phase Modulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com