Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC144 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC144
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC144 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC144 Datasheet HTML 1Page - Hittite Microwave Corporation HMC144 Datasheet HTML 2Page - Hittite Microwave Corporation HMC144 Datasheet HTML 3Page - Hittite Microwave Corporation HMC144 Datasheet HTML 4Page - Hittite Microwave Corporation HMC144 Datasheet HTML 5Page - Hittite Microwave Corporation HMC144 Datasheet HTML 6Page - Hittite Microwave Corporation HMC144 Datasheet HTML 7Page - Hittite Microwave Corporation HMC144 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4
4 - 29
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs.
Temperature @ LO = +20 dBm
Isolation @ LO = +20 dBm
-20
-15
-10
-5
0
4
6
8
1012
14
161820
22
+25 C
+85 C
-55 C
FREQUENCY (GHz)
Upconverter Performance
Conversion Gain @ LO = +20 dBm
Conversion Gain vs. LO Drive
Return Loss @ LO = +20 dBm
IF Bandwidth @ LO = +20 dBm
-50
-40
-30
-20
-10
0
4
6
8
1012
14
161820
22
RF to IF
LO to RF
LO to IF
FREQUENCY (GHz)
-20
-15
-10
-5
0
4
6
8
1012
14
161820
22
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +20 dBm
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
4
6
8
1012
14
161820
22
RF
LO
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
012345
6
IF CONVERSION GAIN
IF RETURN LOSS
FREQUENCY (GHz)
-20
-15
-10
-5
0
4
6
8
1012
14
161820
22
FREQUENCY (GHz)
HMC143 / HMC144
v05.1007
GaAs MMIC DOUBLE-BALANCED
MIXER, 5 - 20 GHz


Similar Part No. - HMC144

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC144 HITTITE-HMC144 Datasheet
118Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
logo
Micross Components
HMC144 MICROSS-HMC144 Datasheet
823Kb / 11P
   Microwave Point-to-Point Radios
HMC144 MICROSS-HMC144 Datasheet
822Kb / 11P
   The HMC143 & HMC144 is ideal for
logo
Hittite Microwave Corpo...
HMC144LC4 HITTITE-HMC144LC4 Datasheet
281Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC144LC4 HITTITE-HMC144LC4 Datasheet
201Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
More results

Similar Description - HMC144

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC143 HITTITE-HMC143 Datasheet
118Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC144LH5 HITTITE-HMC144LH5 Datasheet
263Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC144LC4 HITTITE-HMC144LC4_09 Datasheet
201Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC144LH5 HITTITE-HMC144LH5_08 Datasheet
195Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC144LC4 HITTITE-HMC144LC4 Datasheet
281Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
logo
Analog Devices
HMC554ACHIPS AD-HMC554ACHIPS Datasheet
378Kb / 28P
   10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer
logo
Hittite Microwave Corpo...
HMC128G8 HITTITE-HMC128G8_08 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLE - BALANCED MIXER, 1.8 - 5 GHz
logo
Analog Devices
HMC554ALC3B AD-HMC554ALC3B Datasheet
420Kb / 26P
   10 GHz to 20 GHz, GaAs, MMIC, Double Balanced Mixer
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
   GaAs MMIC Double Balanced 24 GHz Mixer
logo
Marki Microwave
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
   GaAs MMIC Double Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com