Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPT2607C40TP Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CPT2607C40TP
Description  External DrivePiezo Transducer (AC)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CPT2607C40TP Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CPT2607C40TP Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
External Drive
Piezo Transducer (AC)
CPT2607
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CPT2510
CPT2802
CPT2510H32NPA 88 AT 10cm 10 Vp-p
30 Vrms
3200
17000
30% at 1000Hz
±
-30 ~ +115
PPO
3.7
Canopus Part no.
Min sound
Output
(dBA)
Rated
Voltage
(V)
Max Input
Voltage
(V)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
Capacitance
(pF)
CPT2607C20TP
CPT2607C40TP
70 AT 10cm
80 AT 10cm
3 Vp-p
3 Vp-p
30 Vrms
30 Vrms
2000
4000
20000
30% at 1000Hz
±
15000
30% at 1000Hz
±
-30 ~ +70
-20 ~ +70
PBT
PBT
3
3
Canopus Part no.
Min sound
Output
(dBA)
Rated
Voltage
(V)
Max Input
Voltage
(V)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
Capacitance
(pF)
CPT2802G30LW
80 AT 10cm 9 Vp-p
40 Vrms
3000
24000
30% at 1000Hz
±
-20 ~ +60
PP
2.4
Canopus Part no.
Min sound
Output
(dBA)
Rated
Voltage
(V)
Max Input
Voltage
(V)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
Capacitance
(pF)


Similar Part No. - CPT2607C40TP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT20010 MICROSEMI-CPT20010 Datasheet
148Kb / 2P
   Schottky ORing PowerMod
CPT20010 MICROSEMI-CPT20010 Datasheet
123Kb / 2P
   Schottky ORing PowerMod
CPT200100 MICROSEMI-CPT200100 Datasheet
148Kb / 2P
   Schottky PowerMod
CPT200100 MICROSEMI-CPT200100 Datasheet
123Kb / 2P
   Schottky PowerMod
CPT20010 MICROSEMI-CPT20010_10 Datasheet
123Kb / 2P
   Schottky ORing PowerMod
More results

Similar Description - CPT2607C40TP

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CPT1306E CANOPUS-CPT1306E Datasheet
609Kb / 1P
   External Drive Piezo Transducer (AC)
CPT1604 CANOPUS-CPT1604 Datasheet
621Kb / 1P
   External Drive Piezo Transducer (AC)
CPT3914 CANOPUS-CPT3914 Datasheet
854Kb / 1P
   External Drive Piezo Transducer (AC)
CPT3005 CANOPUS-CPT3005 Datasheet
682Kb / 1P
   External Drive Piezo Transducer (AC)
CPT2206 CANOPUS-CPT2206 Datasheet
625Kb / 1P
   External Drive Piezo Transducer (AC)
CPT3307 CANOPUS-CPT3307 Datasheet
940Kb / 1P
   External Drive Piezo Transducer (AC)
CPT0908 CANOPUS-CPT0908 Datasheet
627Kb / 1P
   External Drive Piezo Transducer (AC)
CPT1708 CANOPUS-CPT1708 Datasheet
725Kb / 1P
   External Drive Piezo Transducer (AC)
CPT1208 CANOPUS-CPT1208 Datasheet
635Kb / 1P
   External Drive Piezo Transducer (AC)
CPT1406 CANOPUS-CPT1406 Datasheet
625Kb / 1P
   External Drive Piezo Transducer (AC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com