Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC182S14 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC182S14
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC182S14 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC182S14 Datasheet HTML 1Page - Hittite Microwave Corporation HMC182S14 Datasheet HTML 2Page - Hittite Microwave Corporation HMC182S14 Datasheet HTML 3Page - Hittite Microwave Corporation HMC182S14 Datasheet HTML 4Page - Hittite Microwave Corporation HMC182S14 Datasheet HTML 5Page - Hittite Microwave Corporation HMC182S14 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10
10 - 10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
Bias Voltage Range (Port Vee)
-7 Vdc
Control Voltage Range (A & B)
Vee -0.5V to +1.0 Vdc
Channel Temperature
150 °C
Thermal Resistance
(Insertion Loss Path)
123 °C/W
Thermal Resistance
(Terminated Path)
260 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Maximum Input Power
+27 dBm (<500 MHz)
+30 dBm (>500 MHz)
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC182S14 / 182S14E
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 2 GHz
v03.0805
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
Part Number
Package Body Material
Leadframe Plating
MSL Rating
Package Marking
[3]
HMC182S14
Low Stress Injection Molded Plastic Silica
and Silicon Impregnated
Sn/Pb Solder
MSL1
[1]
HMC182
XXXX
HMC182S14E
RoHS-compliant Low Stress Injection Molded
Plastic Silica and Silicon Impregnated
100% Matte Tin
MSL1
[2]
HMC182
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information


Similar Part No. - HMC182S14

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC182S14 HITTITE-HMC182S14 Datasheet
190Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
HMC182S14 HITTITE-HMC182S14 Datasheet
258Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
HMC182S14 HITTITE-HMC182S14_06 Datasheet
258Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
More results

Similar Description - HMC182S14

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC344LH5 HITTITE-HMC344LH5 Datasheet
304Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 12 GHz
logo
Analog Devices
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Hittite Microwave Corpo...
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3_06 Datasheet
307Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC182S14 HITTITE-HMC182S14 Datasheet
190Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
HMC344LP3 HITTITE-HMC344LP3 Datasheet
224Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com