Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC187AMS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC187AMS8
Description  GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.85 - 2.0 GHz INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC187AMS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC187AMS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC187AMS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC187AMS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC187AMS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC187AMS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC187AMS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
5 - 3
Conversion Gain @ 25°C vs. Drive Level
Output Return Loss with 1 GHz Input
Conversion Gain @ -40°C vs. Drive Level
Output Return Loss with 2.5 GHz Input
Conversion Gain @ +85°C vs. Drive Level
Output Return Loss with 1.75 GHz Input
-20
-15
-10
-5
0
0
1
2
3
4
5
6
17 dBm
15 dBm
10 dBm
OUTPUT FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
1
2
3
4
5
6
20 dBm
17 dBm
15 dBm
13 dBm
11 dBm
9 dBm
OUTPUT FREQUENCY (GHz)
-20
-15
-10
-5
0
0
1
2
3
4
5
6
17 dBm
15 dBm
10 dBm
OUTPUT FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
1
2
3
4
5
6
20 dBm
17 dBm
15 dBm
13 dBm
11 dBm
9 dBm
OUTPUT FREQUENCY (GHz)
-20
-15
-10
-5
0
0
1
2
3
4
5
6
17 dBm
15 dBm
10 dBm
OUTPUT FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
1
2
3
4
5
6
20 dBm
17 dBm
15 dBm
13 dBm
11 dBm
9 dBm
OUTPUT FREQUENCY (GHz)
HMC187AMS8 / 187AMS8E
v00.0410
GaAs MMIC SMT PASSIVE FREQUENCY
DOUBLER, 0.85 - 2.0 GHz INPUT


Similar Part No. - HMC187AMS8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC187AMS8 AD-HMC187AMS8 Datasheet
343Kb / 6P
   Test Equipment
HMC187AMS8E AD-HMC187AMS8E Datasheet
343Kb / 6P
   Test Equipment
More results

Similar Description - HMC187AMS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC187MS8 HITTITE-HMC187MS8 Datasheet
225Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.85 - 2.0 GHz INPUT
HMC187MS8 HITTITE-HMC187MS8_06 Datasheet
280Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.85 - 2.0 GHz INPUT
HMC189MS8 HITTITE-HMC189MS8 Datasheet
145Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
HMC204C8 HITTITE-HMC204C8 Datasheet
201Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204C8 HITTITE-HMC204C8_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_06 Datasheet
210Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC189AMS8 HITTITE-HMC189AMS8 Datasheet
401Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
HMC156AC8 HITTITE-HMC156AC8 Datasheet
306Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
HMC156C8 HITTITE-HMC156C8 Datasheet
133Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
HMC158C8 HITTITE-HMC158C8 Datasheet
1Mb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 1.3 - 4.0 GHz INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com