Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC204C8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC204C8
Description  GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC204C8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC204C8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC204C8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC204C8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC204C8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC204C8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC204C8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7
7 - 25
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
-40
-30
-20
-10
0
345678
9
-40 C
+25 C
+85 C
INPUT FREQUENCY (GHz)
Conversion Gain vs. Temperature
@ +15 dBm Drive Level
Isolation @ +15 dBm Drive Level*
Input Return Loss vs. Drive Level
Output Return Loss for
Several Input Frequencies
*With respect to input level
-100
-80
-60
-40
-20
0
0
5
10
15
20
25
30
35
40
FO
3FO
4FO
FREQUENCY (GHz)
-20
-15
-10
-5
0
345678
9
+8 dBm
+10 dBm
+12 dBm
+14 dBm
FREQUENCY (GHz)
-20
-15
-10
-5
0
8
101214
16
4 GHz In
6 GHz In
8 GHz In
OUTPUT FREQUENCY (GHz)
HMC204C8
GaAs MMIC SMT PASSIVE FREQUENCY
DOUBLER, 4 - 8 GHz INPUT
v04.1105


Similar Part No. - HMC204C8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC204C8 HITTITE-HMC204C8 Datasheet
201Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204C8 HITTITE-HMC204C8 Datasheet
261Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204C8 HITTITE-HMC204C8_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
More results

Similar Description - HMC204C8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC204C8 HITTITE-HMC204C8 Datasheet
201Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204C8 HITTITE-HMC204C8_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_06 Datasheet
210Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_08 Datasheet
146Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G Datasheet
144Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204 HITTITE-HMC204 Datasheet
158Kb / 6P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204 HITTITE-HMC204_08 Datasheet
165Kb / 6P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204 HITTITE-HMC204_09 Datasheet
170Kb / 6P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC189MS8 HITTITE-HMC189MS8 Datasheet
145Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
HMC189AMS8 HITTITE-HMC189AMS8 Datasheet
401Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com