Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

207AS8E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 207AS8E
Description  GaAs MMIC SMT Double-Ba lanced Mixer, 0.7 - 2.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

207AS8E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  207AS8E Datasheet HTML 1Page - Hittite Microwave Corporation 207AS8E Datasheet HTML 2Page - Hittite Microwave Corporation 207AS8E Datasheet HTML 3Page - Hittite Microwave Corporation 207AS8E Datasheet HTML 4Page - Hittite Microwave Corporation 207AS8E Datasheet HTML 5Page - Hittite Microwave Corporation 207AS8E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 4
Absolute Maximum ratings
rF / iF input
+13 dBm
LO Drive
+27 dBm
storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
esD sensitivity (HBM)
Class 1A
eLeCTrOsTATiC seNsiTiVe DeViCe
OBserVe HANDLiNG PreCAUTiONs
v03.0709
GaAs MMIC SMT Double-
bAlAnCeD MIxer, 0.7 - 2.0 GHz
HMC207AS8 / 207AS8E
outline Drawing
Part Number
Package Body Material
Lead Finish
MsL rating
Package Marking [3]
HMC207As8
Low stress injection Molded Plastic
sn/Pb solder
MsL1
[1]
HMC207A
xxxx
HMC207As8e
roHs-compliant Low stress injection Molded Plastic
100% matte sn
MsL1
[2]
HMC207A
xxxx
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number xxxx
Package Information
NOTes:
1. LeADFrAMe MATeriAL: COPPer ALLOY
2. DiMeNsiONs Are iN iNCHes [MiLLiMeTers].
3. DiMeNsiON DOes NOT iNCLUDe MOLDFLAsH OF 0.15mm Per siDe.
4. DiMeNsiON DOes NOT iNCLUDe MOLDFLAsH OF 0.25mm Per siDe.
5. ALL GrOUND LeADs MUsT Be sOLDereD TO PCB rF GrOUND.


Similar Part No. - 207AS8E

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
207 MARL-207 Datasheet
260Kb / 5P
   Direct replacement for T1 쩐 Wedge Base F9
logo
Alpha Wire
207 ALPHAWIRE-207 Datasheet
212Kb / 2P
   M12-A Male 5 Pin Field Attachable
logo
Marl International Limi...
207-501-21-38 MARL-207-501-21-38 Datasheet
257Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1 쩐
207-501-21-38 MARL-207-501-21-38 Datasheet
260Kb / 5P
   Direct replacement for T1 쩐 Wedge Base F9
207-501-21-38 MARL-207-501-21-38 Datasheet
260Kb / 5P
   filament replacement leds
More results

Similar Description - 207AS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC213AMS8 HITTITE-HMC213AMS8 Datasheet
737Kb / 6P
   GaAs MMIC SMT Double-Ba lanced Mixer, 1.5 - 4.5 GHz
HMC340ALP5 HITTITE-HMC340ALP5 Datasheet
727Kb / 8P
   GaAs MMIC SMT Double-Ba lanced DUAL Mixer, 1.7 - 4.5 GHz
HMC208MS8 HITTITE-HMC208MS8_00 Datasheet
116Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz
HMC208AMS8 HITTITE-HMC208AMS8 Datasheet
639Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC207S8 HITTITE-HMC207S8 Datasheet
167Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC207S8 HITTITE-HMC207S8_06 Datasheet
239Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC208MS8 HITTITE-HMC208MS8 Datasheet
175Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC277MS8 HITTITE-HMC277MS8_08 Datasheet
192Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 0.7 - 1.2 GHz
HMC140 HITTITE-HMC140 Datasheet
76Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER 1.0 - 2.0 GHz
HMC292LM3C HITTITE-HMC292LM3C_06 Datasheet
323Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 17 - 31 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com