Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

208AMS8E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # 208AMS8E
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

208AMS8E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  208AMS8E Datasheet HTML 1Page - Hittite Microwave Corporation 208AMS8E Datasheet HTML 2Page - Hittite Microwave Corporation 208AMS8E Datasheet HTML 3Page - Hittite Microwave Corporation 208AMS8E Datasheet HTML 4Page - Hittite Microwave Corporation 208AMS8E Datasheet HTML 5Page - Hittite Microwave Corporation 208AMS8E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
0 - 6
HMC208AMS8 / 208AMS8E
v00.0411
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 0.7 - 2.0 GHz
Evaluation PCB
List of Materials for Evaluation PCB 101830 [1]
Item
Description
J1 - J3
PCB Mount SMA RF Connector
U1
HMC208AMS8 / HMC208AMS8E Mixer
PCB [2]
101828 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
The circuit board used in the application should use
RF circuit design techniques. Signal lines should
have 50 Ohm impedance while the package ground
leads should be connected directly to the ground
plane similar to that shown. A sufficient number of
via holes should be used to connect the top and
bottom ground planes. The evaluation circuit board
shown is available from Hittite upon request.


Similar Part No. - 208AMS8E

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
208 CTS-208 Datasheet
336Kb / 4P
   Multifunctional Through Hole Through Hole
logo
Littelfuse
208 LITTELFUSE-208 Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
logo
Marl International Limi...
208 MARL-208 Datasheet
271Kb / 5P
   Direct replacement for T6.8 Slide Base
logo
CTS Corporation
208 CTS-208 Datasheet
386Kb / 4P
   Through Hole DIP Switch
logo
Alpha Wire
208 ALPHAWIRE-208 Datasheet
211Kb / 2P
   M12-A Male 90 Degree 4 Pin Field Attachable
More results

Similar Description - 208AMS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC207S8 HITTITE-HMC207S8 Datasheet
167Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC207S8 HITTITE-HMC207S8_06 Datasheet
239Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC208MS8 HITTITE-HMC208MS8 Datasheet
175Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC208MS8 HITTITE-HMC208MS8_00 Datasheet
116Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz
HMC351S8 HITTITE-HMC351S8_06 Datasheet
244Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC351S8 HITTITE-HMC351S8 Datasheet
182Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC128G8 HITTITE-HMC128G8 Datasheet
117Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.8 - 5 GHz
HMC142C8 HITTITE-HMC142C8 Datasheet
143Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC141C8 HITTITE-HMC141C8_06 Datasheet
187Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com