Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

213AMS8E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 213AMS8E
Description  GaAs MMIC SMT Double-Ba lanced Mixer, 1.5 - 4.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

213AMS8E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  213AMS8E Datasheet HTML 1Page - Hittite Microwave Corporation 213AMS8E Datasheet HTML 2Page - Hittite Microwave Corporation 213AMS8E Datasheet HTML 3Page - Hittite Microwave Corporation 213AMS8E Datasheet HTML 4Page - Hittite Microwave Corporation 213AMS8E Datasheet HTML 5Page - Hittite Microwave Corporation 213AMS8E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 2
Conversion Gain vs.
Temperature @ lo = +13 dbm
Isolation @ lo = +13 dbm
Conversion Gain vs. lo Drive
return loss @ lo = +13 dbm
IF bandwidth @ lo = +13 dbm
P1db vs. Temperature @ lo = +13 dbm
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
4.5
5
+9 dBm
+11 dBm
+15 dBm
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
RF
IF
LO
FREQUENCY (GHz)
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
4.5
5
-40 C
+25 C
+85 C
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
1
1.5
2
2.5
3
3.5
4
4.5
5
RF/IF
LO/IF
LO/RF
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
0.5
1
1.5
2
LO=1.8 GHz, RF=1.9 to 4.9 GHz
LO=4.4 GHz, RF=1.3 to 4.3 GHz
FREQUENCY (GHz)
8
9
10
11
12
13
14
15
16
1.5
2
2.5
3
3.5
4
4.5
5
-40 C
+25 C
+85 C
FREQUENCY (GHz)
HMC213AMS8 / 213AMS8E
v02.1210
GaAs MMIC SMT Double-
bAlAnCeD MIxer, 1.5 - 4.5 GHz


Similar Part No. - 213AMS8E

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
213 ALPHAWIRE-213 Datasheet
200Kb / 2P
   M8 Male 4 Pin Field Attachable
logo
Littelfuse
213 LITTELFUSE-213 Datasheet
880Kb / 3P
   5횞20mm time-Lag surge withstand glass body cartridge fuse designed to IEC specification
logo
3M Electronics
213 3M-213 Datasheet
53Kb / 2P
   High-Temperature Masking Tape
logo
ATGBICS by Approved Tec...
213-1002-000-C ATGBICS-213-1002-000-C Datasheet
293Kb / 8P
   213-1002-000 Marconi Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
213-1005-000-C ATGBICS-213-1005-000-C Datasheet
195Kb / 7P
   213-1005-000 Marconi Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results

Similar Description - 213AMS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC340ALP5 HITTITE-HMC340ALP5 Datasheet
727Kb / 8P
   GaAs MMIC SMT Double-Ba lanced DUAL Mixer, 1.7 - 4.5 GHz
HMC207AS8 HITTITE-HMC207AS8 Datasheet
633Kb / 6P
   GaAs MMIC SMT Double-Ba lanced Mixer, 0.7 - 2.0 GHz
HMC13MS8 HITTITE-HMC13MS8 Datasheet
192Kb / 6P
   GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
HMC213MS8 HITTITE-HMC213MS8 Datasheet
246Kb / 6P
   GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
logo
Analog Devices
HMC213BMS8E AD-HMC213BMS8E Datasheet
316Kb / 21P
   1.5 GHz to 4.5 GHz, GaAs, MMIC, Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC168C8 HITTITE-HMC168C8_08 Datasheet
221Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 8 GHz
HMC218AMS8E HITTITE-HMC218AMS8E Datasheet
657Kb / 6P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 6 GHz
HMC219AMS8 HITTITE-HMC219AMS8 Datasheet
565Kb / 6P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 9 GHz
HMC340LP5 HITTITE-HMC340LP5 Datasheet
274Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_05 Datasheet
374Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com