Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC231G7 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC231G7
Description  GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC231G7 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC231G7 Datasheet HTML 1Page - Hittite Microwave Corporation HMC231G7 Datasheet HTML 2Page - Hittite Microwave Corporation HMC231G7 Datasheet HTML 3Page - Hittite Microwave Corporation HMC231G7 Datasheet HTML 4Page - Hittite Microwave Corporation HMC231G7 Datasheet HTML 5Page - Hittite Microwave Corporation HMC231G7 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
10
10 - 64
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application should
be generated with proper RF circuit design tech-
niques. Signal lines at the RF port should have 50
ohm impedance and the package ground leads and
package bottom should be connected directly to the
ground plane similar to that shown above. The eval-
uation circuit board shown above is available from
Hittite Microwave Corporation upon request.
Item
Description
J1 - J2
PCB Mount SMA RF Connector
J3 - J4
DC Pin
R1, R2
100 Ohm Resistor, 0603 Pkg.
U1
HMC231G7 SPDT Switch
PCB [2]
107744 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC231G7
GaAs MMIC SMT HIGH ISOLATION
SPST SWITCH, DC - 6 GHz
List of Materials for Evaluation PBC 107746 [1]
v02.1006


Similar Part No. - HMC231G7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC231G7 HITTITE-HMC231G7 Datasheet
172Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6.0 GHz
HMC231G7 HITTITE-HMC231G7 Datasheet
258Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6.0 GHz
HMC231G7 HITTITE-HMC231G7_07 Datasheet
258Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6.0 GHz
More results

Similar Description - HMC231G7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC231G7 HITTITE-HMC231G7 Datasheet
172Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6.0 GHz
HMC231G7 HITTITE-HMC231G7_07 Datasheet
258Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6.0 GHz
HMC232G7 HITTITE-HMC232G7_08 Datasheet
188Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC233G8 HITTITE-HMC233G8_08 Datasheet
157Kb / 6P
   GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6 GHz
HMC607G7 HITTITE-HMC607G7_08 Datasheet
194Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC232G8 HITTITE-HMC232G8_08 Datasheet
147Kb / 6P
   GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6 GHz
HMC550A HITTITE-HMC550A Datasheet
686Kb / 8P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550 HITTITE-HMC550_10 Datasheet
466Kb / 6P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550 HITTITE-HMC550 Datasheet
227Kb / 6P
   GAAS MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
Analog Devices
HMC550A AD-HMC550A Datasheet
368Kb / 6P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com